Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATMEGA162
Description  8-Bit AVR Microcontroller with 16K Bytes In-System ProgrammableFlash
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 26Page - ATMEL Corporation ATMEGA162 Datasheet HTML 27Page - ATMEL Corporation ATMEGA162 Datasheet HTML 28Page - ATMEL Corporation ATMEGA162 Datasheet HTML 29Page - ATMEL Corporation ATMEGA162 Datasheet HTML 30Page - ATMEL Corporation ATMEGA162 Datasheet HTML 31Page - ATMEL Corporation ATMEGA162 Datasheet HTML 32Page - ATMEL Corporation ATMEGA162 Datasheet HTML 33Page - ATMEL Corporation ATMEGA162 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 323 page
background image
30
ATmega162/V
2513F–AVR–12/03
Special Function IO Register –
SFIOR
• Bit 6 – XMBK: External Memory Bus Keeper Enable
Writing XMBK to one enables the Bus Keeper on the AD7:0 lines. When the Bus Keeper
is enabled, AD7:0 will keep the last driven value on the lines even if the XMEM interface
has tri-stated the lines. Writing XMBK to zero disables the Bus Keeper. XMBK is not
qualified with SRE, so even if the XMEM interface is disabled, the bus keepers are still
activated as long as XMBK is one.
• Bit 6..3 – XMM2, XMM1, XMM0: External Memory High Mask
When the External Memory is enabled, all Port C pins are used for the high address
byte by default. If the full 60KB address space is not required to access the external
memory, some, or all, Port C pins can be released for normal Port Pin function as
described in Table 4. As described in “Using all 64KB Locations of External Memory” on
page 32, it is possible to use the XMMn bits to access all 64KB locations of the external
memory.
Using all Locations of
External Memory Smaller than
64 KB
Since the external memory is mapped after the internal memory as shown in Figure 11,
the external memory is not addressed when addressing the first 1,280 bytes of data
space. It may appear that the first 1,280 bytes of the external memory are inaccessible
(external memory addresses 0x0000 to 0x04FF). However, when connecting an exter-
nal memory smaller than 64 KB, for example 32 KB, these locations are easily accessed
simply by addressing from address 0x8000 to 0x84FF. Since the External Memory
Address bit A15 is not connected to the external memory, addresses 0x8000 to 0x84FF
will appear as addresses 0x0000 to 0x04FF for the external memory. Addressing above
address 0x84FF is not recommended, since this will address an external memory loca-
tion that is already accessed by another (lower) address. To the Application software,
the external 32 KB memory will appear as one linear 32 KB address space from 0x0500
to 0x84FF. This is illustrated in Figure 17. Memory configuration B refers to the
ATmega161 compatibility mode, configuration A to the non-compatible mode.
Bit
7
65
43
21
0
TSM
XMBK
XMM2
XMM1
XMM0
PUD
PSR2
PSR310
SFIOR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 4. Port C Pins Released as Normal Port Pins when the External Memory is
Enabled
XMM2
XMM1
XMM0
# Bits for External Memory Address
Released Port Pins
0008 (Full 60 KB space)
None
0017
PC7
0106
PC7 - PC6
0115
PC7 - PC5
1004
PC7 - PC4
1013
PC7 - PC3
1102
PC7 - PC2
111No Address high bits
Full Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com