Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA323L Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATMEGA323L
Description  8-bit Microcontroller with 32K Bytes of In-System Programmable Flash
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA323L Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATMEGA323L Datasheet HTML 12Page - ATMEL Corporation ATMEGA323L Datasheet HTML 13Page - ATMEL Corporation ATMEGA323L Datasheet HTML 14Page - ATMEL Corporation ATMEGA323L Datasheet HTML 15Page - ATMEL Corporation ATMEGA323L Datasheet HTML 16Page - ATMEL Corporation ATMEGA323L Datasheet HTML 17Page - ATMEL Corporation ATMEGA323L Datasheet HTML 18Page - ATMEL Corporation ATMEGA323L Datasheet HTML 19Page - ATMEL Corporation ATMEGA323L Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 247 page
background image
16
ATmega323(L)
1457G–AVR–09/03
Data Indirect with Post-
increment
Figure 17. Data Indirect Addressing With Post-increment
The X-, Y-, or the Z-register is incremented after the operation. Operand address is the
content of the X-, Y-, or the Z-register prior to incrementing.
Constant Addressing Using
the LPM and SPM Instructions
Figure 18. Code Memory Constant Addressing
Constant byte address is specified by the Z-register contents. The 15 MSBs select word
address (0 - 16K). For LPM, the LSB selects Low Byte if cleared (LSB = 0) or High Byte
if set (LSB = 1). For SPM, the LSB should be cleared.
Indirect Program Addressing,
IJMP and ICALL
Figure 19. Indirect Program Memory Addressing
Program execution continues at address contained by the Z-register (i.e., the PC is
loaded with the contents of the Z-register).
Data Space
$0000
X, Y OR Z - REGISTER
0
15
1
$085F
$3FFF
$3FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com