Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA323-8AI Datasheet(PDF) 98 Page - ATMEL Corporation

Part # ATMEGA323-8AI
Description  8-bit Microcontroller with 32K Bytes of In-System Programmable Flash
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA323-8AI Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button ATMEGA323-8AI Datasheet HTML 94Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 95Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 96Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 97Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 98Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 99Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 100Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 101Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 247 page
background image
98
ATmega323(L)
1457G–AVR–09/03
• Bit 2:1 – UCSZ1:0: Character Size
The UCSZ1:0 bits combined with the UCSZ2 bit in UCSRB sets the number of data bits
(character size) in a frame the Receiver and Transmitter uses.
• Bit 0 – UCPOL: Clock Polarity
This bit is used for synchronous mode only. Set this bit to zero when asynchronous
mode is used. The UCPOL bit sets the relationship between data output change and
data input sample, and the synchronous clock (XCK).
USART Baud Rate Registers –
UBRRL and UBRRHs
The UBRRH Register shares the same I/O location as the UCSRC Register. See the
“Accessing UBRRH/UCSRC Registers” on page 92 section which describes how to
access this register.
• Bit 15 – URSEL: Register Select
This bit selects between accessing the UBRRH or the UCSRC Register. It is read as
zero when reading UBRRH. The URSEL must be zero when writing the UBRRH.
• Bit 14:12 – Reserved Bits
These bits are reserved for future use. For compatibility with future devices, these bit
must be set to zero when UBRRH is written.
Table 35. Character Size
UCSZ2
UCSZ1
UCSZ0
Character Size
0
0
0
5-bit
0
0
1
6-bit
0
1
0
7-bit
0
1
1
8-bit
100
Reserved
101
Reserved
110
Reserved
1
1
1
9-bit
UCPOL
Transmitted Data Changed (Output
of TxD Pin)
Received Data Sampled (Input on
RxD Pin)
0
Falling XCK Edge
Rising XCK Edge
1
Rising XCK Edge
Falling XCK Edge
Bit
151413121110
9
8
$20 ($40)
URSEL
–
–
–
UBRR[11:8]
UBRRH
$09 ($29)
UBRR[7:0]
UBRRL
76543210
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com