Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA323-8AI Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATMEGA323-8AI
Description  8-bit Microcontroller with 32K Bytes of In-System Programmable Flash
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA323-8AI Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATMEGA323-8AI Datasheet HTML 45Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 46Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 47Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 48Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 49Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 50Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 51Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 52Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 247 page
background image
49
ATmega323(L)
1457G–AVR–09/03
The Stop condition provides a Timer Enable/Disable function. The prescaled modes are
scaled directly from the CK Oscillator clock for Timer/Counter0 and PCK2 for
Timer/Counter2. If the external pin modes are used for Timer/Counter0, transitions on
PB0(T0) will clock the counter even if the pin is configured as an output. This feature
can give the user SW control of the counting.
Timer Counter0 – TCNT0
Timer/Counter2 – TCNT2
These 8-bit registers contain the value of the Timer/Counters.
Both Timer/Counters is realized as up or up/down (in PWM mode) counters with read
and write access. If the Timer/Counter is written to and a clock source is selected, it con-
tinues counting in the timer clock cycle following the write operation.
Timer/Counter0 Output
Compare Register – OCR0
Timer/Counter2 Output
Compare Register – OCR2
The Output Compare Registers are 8-bit read/write registers. The Timer/Counter Output
Compare Registers contains the data to be continuously com pared with the
Timer/Counter. Actions on compare matches are specified in TCCR0 and TCCR2. A
software write to the Timer/Counter Register blocks compare matches in the next
Timer/Counter clock cycle. This prevents immediate interrupts when initializing the
Timer/Counter.
A Compare Match will set the Compare Interrupt Flag in the CPU clock cycle following
the compare event.
Timer/Counter 0 and 2 in PWM
Mode
When PWM mode is selected, the Timer/Counter either wraps (overflows) when it
reaches $FF or it acts as an up/down counter.
If the up/down mode is selected, the Timer/Counter and the Output Compare Registers
– OCR0 or OCR2 form an 8-bit, free running, glitch-free and phase correct PWM with
outputs on the PB3(OC0/PWM0) or PD7(OC2/PWM2) pin.
If the overflow mode is selected, the Timer/Counter and the Output Compare Registers
– OCR0 or OCR2 form an 8-bit, free running and glitch-free PWM, operating with twice
the speed of the up/down counting mode.
Bit
76543210
$32 ($52)
MSB
LSB
TCNT0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
$24 ($44)
MSB
LSB
TCNT2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
$3C ($5C)
MSB
LSB
OCR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
$23 ($43)
MSB
LSB
OCR2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com