Electronic Components Datasheet Search
  English  ▼

X  

RHD8540 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # RHD8540
Description  RadHard-by-Design RHD8540 64-Channel Analog Multiplexer 32-Channel Kelvin Measurement Configured
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD8540 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  RHD8540 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 7Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SCD8540 Rev A 4/1/15
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS 1/
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Supply Voltage
+VCC (Pin 44)
+3.0 to +7.0
V
Digital Input Overvoltage
VEN (Pins 5, 6, 91, 92), VA (Pins 1, 3, 93, 95), VB (Pins 2, 4, 94, 96)
< VCC +0.4
> GND -0.4
V
V
Analog Input Over Voltage
VIN (CH0-CH63)
< VCC +0.4
> GND -0.4
V
Notes:
1/ All measurements are made with respect to ground.
NOTICE: Stresses above those listed under ’Absolute Maximum Ratings’ may cause permanent damage to the device. These are stress rating only;
functional operation beyond the ’Operation Conditions’ is not recommended and extended exposure beyond the ’Operation Conditions’ may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS 1/
Symbol
Parameter
Typical
Units
+VCC
Power Supply Voltage
3.3 to 5.0
V
VENL, VAL
Logic Low Level
30% VCC
V
VENH, VAH
Logic High Level
70% VCC
V
DC ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
(Tc = -55°C to +125°C, +VCC = +5V - Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Units
Supply Current
+VCC
+ICC
EN = 30% VCC
04.8
mA
+ISBY
EN = 70% VCC
01.2
mA
Address Input Current
A(0-3)
IAL(0-3)A
VA = 30% VCC
+25°C
-20
20
nA
+125°C
-200
200
nA
IAL(0-3)B
VA = 30% VCC
+25°C
-10
10
nA
+125°C
-100
100
nA
IAH(0-3)A
VA = 70% VCC
+25°C
-20
20
nA
+125°C
-200
200
nA
IAH(0-3)B
VA = 70% VCC
+25°C
-10
10
nA
+125°C
-100
100
nA
Enable Input Current
EN
IENL(0-15)
IENL(16-31)
VEN = 30% VCC
+25°C
-5
5
nA
+125°C
-50
50
nA
IENL(32-47)
IENL(48-63)
VEN = 30% VCC
+25°C
-10
10
nA
+125°C
-100
100
nA
IENH(0-15)
IENH(16-31)
VEN = 70% VCC
+25°C
-5
5
nA
+125°C
-50
50
nA
IENH(32-47)
IENH(48-63)
VEN = 70% VCC
+25°C
-10
10
nA
+125°C
-100
100
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com