Electronic Components Datasheet Search
  English  ▼

X  

RHD8540 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # RHD8540
Description  RadHard-by-Design RHD8540 64-Channel Analog Multiplexer 32-Channel Kelvin Measurement Configured
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD8540 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  RHD8540 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 7Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SCD8540 Rev A 4/1/15
Aeroflex Plainview
PIN NUMBERS & FUNCTIONS
RHD8540 – 96 Leads Ceramic QUAD Flat Pack
Pin #
Function
Pin #
Function
Pin #
Function
1
A2
33
CH11
65
CH49
2
B2
34
CH27
66
CH48
3
A3
35
CH12
67
Output I(48-63)
4
B3
36
CH28
68
Output V(48-63)
5
EN (0-15)
37
CH13
69
Output I(32-47)
6
EN (16-31)
38
CH29
70
Output V(32-47)
7
CH0
39
CH14
71
GND
8
CH16
40
CH30
72
GND
9
CH1
41
CH15
73
CH47
10
CH17
42
CH31
74
CH46
11
CH2
43
NC
75
CH45
12
CH18
44
+VCC
76
CH44
13
CH3
45
NC
77
CH43
14
CH19
46
NC
78
CH42
15
CH4
47
NC
79
CH41
16
CH20
48
NC
80
CH40
17
CH5
49
NC
81
CH39
18
CH21
50
CASE GND
82
CH38
19
CH6
51
CH63
83
CH37
20
CH22
52
CH62
84
CH36
21
CH7
53
CH61
85
CH35
22
CH23
54
CH60
86
CH34
23
GND
55
CH59
87
CH33
24
GND
56
CH58
88
CH32
25
Output1 (0-15)
57
CH57
89
GND
26
Output2 (16-31)
58
CH56
90
GND
27
CH8
59
CH55
91
EN (48-63)
28
CH24
60
CH54
92
EN (32-47)
29
CH9
61
CH53
93
A0
30
CH25
62
CH52
94
B0
31
CH10
63
CH51
95
A1
32
CH26
64
CH50
96
B1
NOTE: It is recommended that all "NC" or "no connect" pins be grounded. This eliminates or minimizes any ESD or
static buildup.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com