Electronic Components Datasheet Search
  English  ▼

X  

IR2137 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2137
Description  IGBT Protection in AC or BLDC Motor Drives
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 4 Page - International Rectifier

  IR2137 Datasheet HTML 1Page - International Rectifier IR2137 Datasheet HTML 2Page - International Rectifier IR2137 Datasheet HTML 3Page - International Rectifier IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com
IR2137: 3-PHASE GATE DRIVER WITH INTEGRATED IGBT PROTECTION
International Rectifier has now introduced the IR2137 to the AC drives market. This latest High
Voltage Integrated Circuit provides a monolithic solution to driving all six IGBT gate drivers, while
simultaneously providing full IGBT protection and soft shutdown. In contrast to the Floating Ground
Reference architecture discussed in the previous section, the IR2137 circuit enables a simple struc-
ture. The differences between the two architectures are summarized in Table 2.
Floating Ground System
IR2137 solution
Gate Drive
Six Fast Optical Isolators
IR2137
IGBT Protection
Two Hall Effect sensors and
IR2137 integrated function with a
Two comparators
shunt resistor and a comparator
Four floating power supplies
Eliminated (boot strap power)
Additional Circuits
Snubber circuit or discrete soft
Eliminated by integrated soft shutdown
shutdown circuits
function
Brake IGBT drive circuit with
Eliminated by integrated brake IGBT
an optical isolator
driver circuit
Table 2: Solution Comparison of Gate Drive and IGBT Protection
For the IR2137 circuit, as shown in Figure 5, the IR2137 and a micro-controller (
µC) share the same
ground potential – the negative DC bus potential. (This architecture is already the industry standard
in the micro AC inverter drive segment). Unlike its traditional counterpart, the IR2137 circuit requires
a single shunt resistor and associated comparator. With this, it can perform all modes of IGBT short
circuit protection.
Additionally, the IR2137 contains IGBT de-saturation logic in the circuit of each high-side gate drive,
as shown in figures 6 and 7. In the event of a Ground Fault condition, the DESAT pin is activated, and
the fault signal is transferred to the low side fault logic circuit. The low side fault logic then initiates the
simultaneous soft shutdown of all 6 IGBTs. When the soft shutdown signal is transferred back to the
high side, the active PMOS/NMOS transistor buffer goes into a high impedance mode and another
weak NMOS transistor becomes active to slowly drive the gate pin low. The shutdown softness can
be programmed by adding an external resistor to the SSD pin – thus allowing the user to optimize
softness for the specific gate charge of the IGBT. To eliminate the dv/dt induced false triggering of the
DESAT pin, there is a blanking filter delay of 2 microseconds at each high-side gate turn-on transi-
tion.
Figure 8 shows the oscillogram of the ground fault protection feature in the IR2137. In this measure-
ment, a size 4 IGBT, IRG4BC40KD, was used in conjunction with a turn-on resistor, Rg = 33
Ω, turn-
off resistor, Rg = 16
Ω, and soft turn off resistor, R
SSD = 500
Ω. The top trace in Figure 8 is the IGBT
gate signal (10V/div), while the middle trace is the VCE voltage (100V/div), and the bottom trace is the
IGBT short circuit current (40A/div). No snubber circuit was used for this test. One can see that the
de-saturation protection activates quickly and the soft shutdown feature virtually eliminates the over-
shoot voltage across the collector and the emitter.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com