Electronic Components Datasheet Search
  English  ▼

X  

IR2137 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2137
Description  IGBT Protection in AC or BLDC Motor Drives
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 5 Page - International Rectifier

  IR2137 Datasheet HTML 1Page - International Rectifier IR2137 Datasheet HTML 2Page - International Rectifier IR2137 Datasheet HTML 3Page - International Rectifier IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com
5
For contrast, the oscillogram of a ‘hard’ shutdown is shown in Figure 9. The same IGBT, IRG4BC40KD,
and the same PCB pattern were used as in the example shown in Figure 8. The top trace is the IGBT
short circuit current and the bottom trace is the IGBT V
CE
voltage (100V/div). As can be seen in
Figure 9, the overshoot voltage reaches approximately 100V above the normal V
CE
voltage during
the turn-off transition.
In summary, the IR2137, a monolithic IC, provides excellent protection and soft shutdown features in
an extremely compact and cost-effective package.
Motor
Figure 1: Current Flow during Line-to-Line Short
Motor
Figure 2: Current Flow during Ground Fault



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com