Electronic Components Datasheet Search
  English  ▼

X  

UT01VS50L Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT01VS50L
Description  UT01VS50L Voltage Supervisor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS50L Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT01VS50L Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 9Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 10Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 11Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 12Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 13Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 14Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 15Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
UT01VS50L VOLTAGE SUPERVISOR
Lead Finish: (NOTE: 1)
(C)
=
Gold
Case Outline:
(X) =
8-Lead Ceramic Flatpack
Screening Level:
(Q) =
QML Class Q
(V) =
QML Class V
Device Type:
(13) =
UT01VS50L (Temperature Range: -55oC to +125
oC)
Drawing Number:
11213 = 5.0V Single Channel Voltage Supervisor
Total Dose:
(R)
=
100 krad(Si)
(F)
=
300 krad(Si)
Federal Stock Class Number: No Options
5962
*
*****
**
*
*
*
Notes:
1. Lead finish is “C” (gold) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com