Electronic Components Datasheet Search
  English  ▼

X  

UT01VS50L Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT01VS50L
Description  UT01VS50L Voltage Supervisor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS50L Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT01VS50L Datasheet HTML 1Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 2Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 3Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 4Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 5Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 6Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS50L Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
PIN DESCRIPTIONS
Number
Pins
Type
Description
1MR
Digital Input
TTL/CMOS
compatible
Manual Reset Input with an internal pull-up. Active low. MR low forces the reset
output RESET low. Required minimum MR pulse width is 150ns. RESET is held low
for duration of the reset timer.
2VDD
Supply
Power supply. Operating voltage range is 4.75V to 5.5V. VDD level is monitored
internally by a dedicated comparator circuit, which employs an internal bandgap
voltage reference nominally equal to 1.25V. Every time VDD falls below the threshold
voltage, nominally 4.65V, RESET and WDO outputs are forced low. (See WDO and
RESET descriptions.) (Figure 4.)
3GND
Supply
ASIC Ground. This pin should be tied to ground and establishes the reference for
voltage detection.
4
PFI
Analog Input
Threshold detector input. Voltage on this input is fed directly to an internal
comparator where it is compared to the bandgap voltage reference of 1.25V. It can be
used for detection of low battery or power failure of voltage supplies other than VDD.
When voltage at PFI input drops below its threshold value of 1.25V, PFO output is
forced low, otherwise, stays high.
5PFO
Digital Output
Threshold detector output. Active low, push-pull output driver. It responds directly
to PFI input. If PFI voltage is below the bandgap reference voltage, PFO is low. If PFI
is above the reference voltage, PFO output is high.
6
WDI
Digital Input
Watchdog timer input pin. This pin is typically used to monitor microprocessor
activity. It can assume three states: low, high and float. If WDI is floating or connected
to a high impedance three state buffer, the watchdog timer is not active, and the
corresponding watchdog output WDO is high. Watchdog timer is also not active any
time RESET is low. Providing that RESET is not asserted, any change of state at WDI
that is longer than 50ns will start the timer, or restart it, if the timer is already running
(Figure 3.). If there is no activity within the timeout period, nominally 1.6sec, the
timer will stop running and WDO output will go low (Figure 3).
7
RESET
Digital Output
Reset output. Active low, push-pull output driver. This output responds to both: VDD
monitoring circuits and the manual reset input MR.
On power up, RESET is guaranteed to be logic low for all VDD values from 1.2V up
to the reset threshold, nominally 4.65V. Once this threshold is reached, an internal
RESET timer is activated. During the countdown RESET output is kept low. It is
raised high upon completion of countdown, typically after 200ms. If a brown out
condition occurs during the reset timer countdown, the reset timer would be reset and
another countdown would start after VDD levels were restored above the reset
threshold. On power down, when VDD falls below the threshold voltage, RESET goes
low and is guaranteed to stay low until VDD drops below 1.2V.
If MR is asserted low, RESET is forced low and the reset timer is kept reset. When
MR is released high, the timer is activated and RESET is kept low until completion
of the reset timeout, when it is raised high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com