Electronic Components Datasheet Search
  English  ▼

X  

CLC401 Datasheet(PDF) 4 Page - Texas Instruments

Part # CLC401
Description  Fast Settling, Wideband High Gain Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC401 Datasheet(HTML) 4 Page - Texas Instruments

  CLC401 Datasheet HTML 1Page - Texas Instruments CLC401 Datasheet HTML 2Page - Texas Instruments CLC401 Datasheet HTML 3Page - Texas Instruments CLC401 Datasheet HTML 4Page - Texas Instruments CLC401 Datasheet HTML 5Page - Texas Instruments CLC401 Datasheet HTML 6Page - Texas Instruments CLC401 Datasheet HTML 7Page - Texas Instruments CLC401 Datasheet HTML 8Page - Texas Instruments CLC401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OBSOLETE
CLC401
SNOS849F – MAY 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
(AV= +20, VCC = ±5V, RL = 100Ω, Rf =1.5kΩ; unless specified).
Symbol
Parameter
Conditions
Typ
Max/Min Ratings (1)
Units
Static, DC Performance
VIO
Input Offset Voltage (2)
3
±10.0
±6.0
±11.0
mV
DVIO
Average Temperature Coefficient
20
±50
–
±50
µV/°C
IBN
Input Bias Current (2)
Non-Inverting
10
±36
±20
±20
µA
DIBN
Average Temperature Coefficient
100
±200
–
±100
nA/°C
IBI
Input Bias Current (2)
Inverting
10
46
30
40
µA
DIBI
Average Temperature Coefficient
100
±200
–
±100
nA/°C
PSRR
Power Supply Rejection Ratio
55
50
50
50
dB
CMRR
Common Mode Rejection Ratio
55
50
50
50
dB
ICC
Supply Current (2)
No Load
15
21
21
21
mA
Miscellaneous Performance
RIN
Non-Inverting Input
Resistance
200
>50
>100
>100
k
Ω
CIN
Capacitance
0.5
<2.5
<2.5
<2.5
pF
RO
Output Impedance
at DC
0.2
<0.3
<0.3
<0.3
Ω
VO
Output Voltage Range
No Load
3.5
>3.0
>3.2
>3.2
V
CMIR
Common Mode Input Range
For Rated Performance
2.8
>2.0
>2.5
>2.5
V
IO
Output Current
60
>35
>50
>50
mA
(2)
AJ-level: spec. is 100% tested at +25°C.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: CLC401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com