Electronic Components Datasheet Search
  English  ▼

X  

CLC401 Datasheet(PDF) 1 Page - Texas Instruments

Part # CLC401
Description  Fast Settling, Wideband High Gain Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC401 Datasheet(HTML) 1 Page - Texas Instruments

  CLC401 Datasheet HTML 1Page - Texas Instruments CLC401 Datasheet HTML 2Page - Texas Instruments CLC401 Datasheet HTML 3Page - Texas Instruments CLC401 Datasheet HTML 4Page - Texas Instruments CLC401 Datasheet HTML 5Page - Texas Instruments CLC401 Datasheet HTML 6Page - Texas Instruments CLC401 Datasheet HTML 7Page - Texas Instruments CLC401 Datasheet HTML 8Page - Texas Instruments CLC401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OBSOLETE
CLC401
www.ti.com
SNOS849F – MAY 1999 – REVISED APRIL 2013
CLC401 Fast Settling, Wideband High Gain Monolithic Op Amp
Check for Samples: CLC401
1
FEATURES
DESCRIPTION
The CLC401 is a wideband, fast settling op amp
2
•
−3dB Bandwidth of 150MHz
designed for applications requiring gains greater than
•
0.1% Settling in 10ns
±7. Constructed using an advanced complementary
•
Low Power, 150mW
bipolar process and a proprietary design, the CLC401
features dynamic performance far beyond that of
•
Overload and Short Circuit Protected
typical high speed monolithic op amps. For example,
•
Stable Without Compensation
at a gain of +20, the
−3dB bandwidth is 150MHz and
•
Recommended Gain Range, ±7 to ±50
the rise/fall time is only 2.5ns.
The wide bandwidth and linear phase (0.2° deviation
APPLICATIONS
from linear at 50MHz) and a very flat gain response
•
Flash, Precision A/D Conversion
makes
the
CLC401
ideal
for
many
digital
communication system applications. For example,
•
Photodiode, CCD Preamps
demodulators need both DC coupling and high
•
IF Processors
frequency
amplification-requirements
that
are
•
High Speed Modems, Radios
ordinarily difficult to meet.
•
Line Drivers
The very fast 10ns settling to 0.1% and the ability to
•
DC Coupled Log Amplifiers
drive capacitive loads lend themselves well to flash
A/D applications. Systems employing D/A converters
•
High Speed Communications
also benefit from the settling time and also by the fact
that current-to-voltage transimpedance amplification
Pulse Response
is easily accomplished.
The CLC401 provides a quick, effective design
solution. Its stable operation over the entire ±7 to ±50
gain
range
precludes
the
need
for
external
compensation. And, unlike many other high speed-op
amps, the CLC401's power dissipation of 150mW is
compatible with designs which must limit total power
dissipation or power supply requirements.
The CLC401 is based on TI's proprietary op amp
topology that uses current feedback instead of the
usual voltage feedback. This unique design has many
advantages over conventional designs (such as
settling time that is relatively independent of gain), yet
it is used in basically the same way (see the gain
equations in Figure 17 and Figure 18). However, an
understanding of the topology will aid in achieving the
best performance. The discussion below will proceed
for the non-inverting gain configuration with the
inverting mode analysis being very similar.
Enhanced Solutions (Military/Aerospace)
SMD Number: 5962-89973
Space level versions also available.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLC401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
Fast Settling, Wideband High-Gain Monolithic Op Amp
logo
Cadeka Microcircuits LL...
CLC4011 CADEKA-CLC4011 Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Exar Corporation
CLC4011 EXAR-CLC4011 Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC4011ISO14EVB EXAR-CLC4011ISO14EVB Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC4011ISO14MTR EXAR-CLC4011ISO14MTR Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results

Similar Description - CLC401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
Fast Settling, Wideband Low-Gain Monolithic Op Amp
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
Fast Settling, Wideband High-Gain Monolithic Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
logo
Fairchild Semiconductor
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
Wideband, Fast Settling Op Amp
REV.C
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
AD841 AD-AD841_15 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
Fast Settling, Wideband Low Gain Monolithic Op Amp
logo
Analog Devices
AD841 AD-AD841_17 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com