Electronic Components Datasheet Search
  English  ▼

X  

CLC404 Datasheet(PDF) 3 Page - Texas Instruments

Part # CLC404
Description  Wideband, High Slew Rate, Monolithic Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC404 Datasheet(HTML) 3 Page - Texas Instruments

  CLC404 Datasheet HTML 1Page - Texas Instruments CLC404 Datasheet HTML 2Page - Texas Instruments CLC404 Datasheet HTML 3Page - Texas Instruments CLC404 Datasheet HTML 4Page - Texas Instruments CLC404 Datasheet HTML 5Page - Texas Instruments CLC404 Datasheet HTML 6Page - Texas Instruments CLC404 Datasheet HTML 7Page - Texas Instruments CLC404 Datasheet HTML 8Page - Texas Instruments CLC404 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OBSOLETE
CLC404
www.ti.com
SNOS851F – MAY 1999 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
AV= +6, VCC = ±5V, Rg & RL =100Ω, Rf = 500Ω; unless specified
Symbol
Parameter
Conditions
Typ
Max/Min Ratings (1)
Units
Ambient Temperature
CLC404AJ
+25°C
−40°C
+25°C
+85°C
Frequency Domain Response
SSBW
-3dB Bandwidth
VOUT <2VPP
175
>150
>140
>120
MHz
LSBW
-3dB Large Signal
VOUT<5VPP
165
>140
>140
>110
MHz
Gain Flatness
VOUT<2VPP
GFPL
Peaking
<40MHz
0
<0.4
<0.3
<0.4
dB
GFPH
Peaking
>40MHz
0
<0.7
<0.5
<0.7
dB
GFR
Rolloff
<75MHz
0.2
<1.0
<1.1
<1.3
dB
LPD
Linear Phase Deviation
DC to 75MHz
0.5
<1.0
<1.0
<1.2
deg
Time Domain Response
TRS
Rise and Fall Time
2V Step
2.0
<2.4
<2.4
<2.9
ns
TRL
5V Step
2.1
<2.6
<2.6
<3.2
ns
TS
Settling Time to ±0.2%
2V Step
10
<15
<15
<15
ns
OS
Overshoot
2V Step
5
<15
<12
<15
%
SR
Slew Rate (Measured at AV +2)
(2)
2600
>2000
>2000
>2000
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2VPP,20MHz
−53
<
−40
<
−45
<
−45
dBc
HD3
3rd Harmonic Distortion
2VPP,20MHz
−60
<
−50
<
−50
<
−50
dBc
Equivalent Input Noise
SNF
Noise Floor
>1MHz
−159
<
−157
<
−157
<
−156
dBm
(1Hz)
INV
Integrated Noise
1MHz to 200MHz
40
<45
<45
<50
µV
DG
Differential Gain (3)
0.07
-
-
-
%
DP
Differential Phase (3)
0.03
-
-
-
°
Static, DC Performance
VIO
Input Offset Voltage (4)
2
<±9.0
<±5.0
<±10.0
mV
DVIO
Average Temperature Coefficient
30
<±50
-
<±50
µV/°C
IBN
Input Bias Current (4)
Non Inverting
15
<±44
<±22
<±22
µA
DIBN
Average Temperature Coefficient
150
<±275
-
<±200
nA/°C
IBI
Input Bias Current (4)
Inverting
15
<±40
<±18
<±22
µA
DIBI
Average Temperature Coefficient
150
<±275
-
<±200
nA/C°
PSRR
Power Supply Rejection Ratio
52
>45
>48
>45
dB
CMRR
Common Mode Rejection Ration
50
>44
>46
>44
dB
ICC
Supply Current (4)
No Load, Quiescent
11
<12
<12
<12
mA
Miscellaneous Performance
RIN
Non-Inverting Input
Resistance
1000
>250
>500
>1000
k
Ω
CIN
Capacitance
1
<2
<2
<2
pF
RO
Output Impedence
At DC
0.1
<0.3
<0.2
<0.2
Ω
VO
Output Voltage Range
No Load
±3.3
>±2.8
>±3.0
>±3.0
V
CMIR
Common Mode Input Range
For Rated Performance
±2.2
>±1.4
>±1.8
>±2.0
V
IO
Output Current
±60
>±35
>±50
>±50
mA
(1)
Max/min ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality
levels are determined from tested parameters.
(2)
See the text on the back of the data sheet.
(3)
Differential gain and phase measured at AV+2, Rf500Ω,RL 150Ω 1Vpp equivalent video signal, 0-100 IRE, 40 IREpp, 0IRE = 0 volts, at
75
Ω load and 3.58MHz. See text.
(4)
AJ-level: spec. is 100% tested at +25°C, sample at 85°C.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CLC404



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com