Electronic Components Datasheet Search
  English  ▼

X  

CLC404 Datasheet(PDF) 8 Page - Texas Instruments

Part # CLC404
Description  Wideband, High Slew Rate, Monolithic Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC404 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CLC404 Datasheet HTML 2Page - Texas Instruments CLC404 Datasheet HTML 3Page - Texas Instruments CLC404 Datasheet HTML 4Page - Texas Instruments CLC404 Datasheet HTML 5Page - Texas Instruments CLC404 Datasheet HTML 6Page - Texas Instruments CLC404 Datasheet HTML 7Page - Texas Instruments CLC404 Datasheet HTML 8Page - Texas Instruments CLC404 Datasheet HTML 9Page - Texas Instruments CLC404 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
OBSOLETE
CLC404
SNOS851F – MAY 1999 – REVISED APRIL 2013
www.ti.com
The CLC404 reaches slew rate limits only for low non-inverting gains. In other words, slew rate limiting is
constrained by common mode voltage swings at the input. (This is different from traditional slew rate constraints.)
The large-signal frequency response plot at a gain of +2 shows a break in the response, which shows that slew
rate limit has been reached. Note also that the frequency response plots at gain of +21 show that the large signal
and small signal responses are nearly identical.
Differential Gain and Phase
Differential gain and phase are measurements useful primarily in composite video channels. Differential gain and
phase are measured by monitoring the gain and phase of a high frequency carrier (3.58MHz for NTSC composite
video) as the output of the amplifier is swept over a range of DC voltages. Any changes in gain and phase at the
carrier frequency are the desired measurement, differential gain and phase.
Specifications for the CLC404 include differential gain and phase. The test signals used are based on a 1VPP
video level. Test conditions used are the following.
DC sweep range: 0 to 100 IRE units (black to white)
Carrier: 3.58MHz at 40 IRE units peak to peak
The amplifier is specified for a gain of +2, and 150
Ω load (for a backmatched 75Ω system.) IRE amplitudes are
referred to 75
Ω at the load of a video system. This is a different condition from the rest of the specifications (AV =
+6, Rf = 100Ω).
Source Impedance
For best results, source impedance in the non-inverting circuit configuration (see Figure 18) should be kept below
3k
Ω Above 3kΩ it is possible for oscillation to occur, depending on other circuit parasitics. Depending on the
signal source, a resistor with a value of less than 3k
Ω may be used to terminate the non-inverting input to
ground.
Feedback Resistor
In current-feedback op amps, the value of the feedback resistor plays a major role in determining amplifier
dynamics. It is important to select the correct value resistor. The CLC404 provides optimum performance with a
500
Ω feedback resistor. Furthermore, the specifications shown on the previous pages are valid only when a
500
Ω feedback resistor is used. Selection of an incorrect value can lead to severe rolloff in frequency-response
(if the resistor value is too large) or peaking or oscillation (if the value is too low).
Printed Circuit Layout
As with any high frequency device, a good PCB layout will enhance performance. Ground plane construction and
good power supply bypassing close to the package are critical to achieving full performance. In the non-inverting
configuration, the amplifier is sensitive to stray capacitance to ground at the inverting input. Hence, the inverting
node connections should be small with minimal coupling to the ground plane. Shunt capacitance across the
feedback resistor should not be used to compensate for this effect.
Parasitic or load capacitance directly on the output will introduce additional phase shift in the loop degrading the
loop phase margin and leading to frequency response peaking. A small series resistor before the capacitance
effectively decouples this effect. The graphs on the preceding page illustrate the required resistor value and
resulting performance vs. capacitance.
Precision buffed resistors (PRP8351 series from Precision Resistive Products) with low parasitic reactances were
used to develop the data sheet specifications. Precision carbon composition resistors will also yield excellent
results. Standard spirally-trimmed RN55D metal film resistors will work with a slight decrease in bandwidth due to
their reactive nature at high frequencies.
Evaluation PC boards (part numbers CLC730013 for through-hole and CLC 730027 for SOIC) for the CLC404
are available.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: CLC404



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com