Electronic Components Datasheet Search
  English  ▼

X  

CLC405 Datasheet(PDF) 11 Page - Texas Instruments

Part # CLC405
Description  Low Cost, Low Power, 110MHz Op Amp with Disable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC405 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CLC405 Datasheet HTML 7Page - Texas Instruments CLC405 Datasheet HTML 8Page - Texas Instruments CLC405 Datasheet HTML 9Page - Texas Instruments CLC405 Datasheet HTML 10Page - Texas Instruments CLC405 Datasheet HTML 11Page - Texas Instruments CLC405 Datasheet HTML 12Page - Texas Instruments CLC405 Datasheet HTML 13Page - Texas Instruments CLC405 Datasheet HTML 14Page - Texas Instruments CLC405 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
OBSOLETE
CLC405
www.ti.com
SNOS815F – AUGUST 2000 – REVISED APRIL 2013
Figure 27. Differential Gain & Phase vs. IEX
Figure 28.
The value for Rpd in Figure 28 is determined by:
(1)
at ±5V supplies.
Wideband Digital PGA
As shown on the front page, the CLC405 is easily configured as a digitally controlled programmable gain
amplifier. Make a PGA by configuring several amplifiers at required gains. Keep Rf near 348Ω and change Rg for
each different gain. Use a TTL decoder that has enough outputs to control the selection of different gains and the
buffer stage. Connect the buffer stage like the buffer on the front page. The buffer isolates each gain stage from
the load and can produce a gain of zero for a gain selection of zero. Use of an inverter (7404) on the buffer
disable pin to keep the buffer operational at all gains except zero. Or float the buffer disable pin for a continuous
enable state.
Amplitude Equalization
Sending signals over coaxial cable greater than 50 meters in length will attenuate high frequency signal
components. Equalizers restore the attenuated components of this signal. The circuit in Figure 29, is an op amp
equalizer. The RC networks peak the response of the CLC405 at higher frequencies. This peaking restores
cable-attenuated frequencies. Figure 30 shows how the equalizer actually restores a digital word through 150
meters of coaxial cable.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CLC405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com