Electronic Components Datasheet Search
  English  ▼

X  

CLC405 Datasheet(PDF) 13 Page - Texas Instruments

Part # CLC405
Description  Low Cost, Low Power, 110MHz Op Amp with Disable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC405 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CLC405 Datasheet HTML 7Page - Texas Instruments CLC405 Datasheet HTML 8Page - Texas Instruments CLC405 Datasheet HTML 9Page - Texas Instruments CLC405 Datasheet HTML 10Page - Texas Instruments CLC405 Datasheet HTML 11Page - Texas Instruments CLC405 Datasheet HTML 12Page - Texas Instruments CLC405 Datasheet HTML 13Page - Texas Instruments CLC405 Datasheet HTML 14Page - Texas Instruments CLC405 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
OBSOLETE
CLC405
www.ti.com
SNOS815F – AUGUST 2000 – REVISED APRIL 2013
Amplitude Equalizer
Place the first zero (fz1) at some low frequency (540 khz for Figure 30). R1 & C1 produce a pole (fp1 @ 750khz)
that cancels fz1. Place a second zero at a higher frequency (fz2 @ 12Mhz). R2 & C2 provide a canceling pole (of
fp2 = 25Mhz).
Figure 31 shows the closed loop response of the op amp equalizer with equations for the poles, zeros, and
gains.
Figure 31. Closed Loop Equalizer Frequency Response
NOTE
For very high frequency equalization, us a higher bandwidth part (i.e., CLC44X).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CLC405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com