Electronic Components Datasheet Search
  English  ▼

X  

FPD87346 Datasheet(PDF) 1 Page - Texas Instruments

Part # FPD87346
Description  Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD87346 Datasheet(HTML) 1 Page - Texas Instruments

  FPD87346 Datasheet HTML 1Page - Texas Instruments FPD87346 Datasheet HTML 2Page - Texas Instruments FPD87346 Datasheet HTML 3Page - Texas Instruments FPD87346 Datasheet HTML 4Page - Texas Instruments FPD87346 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OBSOLETE
FPD87346
www.ti.com
SNOSA51A – MAY 2004 – REVISED APRIL 2013
FPD87346 Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
with Reduced Swing Differential Signaling (RSDS™) Outputs
Check for Samples: FPD87346
1
FEATURES
DESCRIPTION
The FPD87346 is a timing controller that combines
2
•
Reduced Swing Differential Signalling
an LVDS single pixel input interface with TI's
(RSDS™) Digital Bus Reduces Dynamic
Reduced
Swing
Differential
Signaling
(RSDS™)
Power, EMI and Bus Width from the Timing
output driver interface for (SVGA) XGA and Wide
Controller
XGA resolutions. It resides on the TFT-LCD panel
•
LVDS Single Pixel Input Interface System
and provides the data buffering and control signal
generation for (SVGA) XGA, and Wide XGA graphic
•
Input Clock Range from 40 MHz to 85 MHz
modes. The RSDS™ path to the column driver
•
Drives RSDS™ Column Drivers at 170 Mb/s
contributes
toward
lowering
radiated
EMI
and
with an 85 MHz Clock (Max.)
reducing system dynamic power consumption.
•
Virtual 8 Bit Color Depth in FRC/Dithering
This single RSDS™ bus conveys the 8-bit color data
Mode
for (SVGA) XGA, and Wide XGA panels at 170 Mb/s
•
Single Narrow 9-Bit Differential Source Driver
when using VESA 60 Hz standard timing.
Bus Minimizes Width of Source PCB
•
Ability to Drive (SVGA) XGA and Wide XGA
TFT-LCD Systems
•
Failure Detect Function in DE Mode
•
CMOS Circuitry Operates from a 3.0V–3.6V
Supply
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
System Diagram
Figure 1. Block Diagram of the LCD Module
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - FPD87346

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
logo
Texas Instruments
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87346BXA TI1-FPD87346BXA_13 Datasheet
637Kb / 18P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
logo
National Semiconductor ...
FPD87346VS NSC-FPD87346VS Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
More results

Similar Description - FPD87346

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87208 NSC-FPD87208 Datasheet
1Mb / 20P
2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
FPD87370AXA NSC-FPD87370AXA Datasheet
461Kb / 2P
Low EMI Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS Outputs
LMC7532 NSC-LMC7532 Datasheet
31Kb / 2P
Low EMI, Low Power XGA/SVGA TFT-LCD Column Driver
logo
Texas Instruments
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87370 TI1-FPD87370 Datasheet
201Kb / 6P
FPD87370AXA Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
TFT-LCD Timing Controller
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
FPD87346BXA TI1-FPD87346BXA_13 Datasheet
637Kb / 18P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
FPD87370 TI1-FPD87370_13 Datasheet
48Kb / 3P
Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com