Electronic Components Datasheet Search
  English  ▼

X  

S2060C Datasheet(PDF) 20 Page - Applied Micro Circuits Corporation

Part # S2060C
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060C Datasheet(HTML) 20 Page - Applied Micro Circuits Corporation

Back Button S2060C Datasheet HTML 14Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 15Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 16Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 17Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 18Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 19Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 20Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 21Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 22Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
Table 13. DC Characteristics
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Dn
i
Mp
y
Tx
a
Ms
t
i
n
Us
t
n
e
m
m
o
C
V
H
O
)
L
T
T
(
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O4
.
28
.
2V
C
C
VV
C
C
I
,
n
i
m
=
H
O
A
m
4
=
V
L
O
)
L
T
T
(
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OD
N
G1
.
04
.
0V
V
C
C
I
,
n
i
m
=
L
O
A
m
1
=
V
H
I
)
L
T
T
(
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I0
.
2V
C
C
V
V
L
I
)
L
T
T
(
e
g
a
t
l
o
V
w
o
L
t
u
p
n
ID
N
G8
.
0V
I
H
I
)
L
T
T
(
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I0
4A
µV
N
I
V
,
V
4
.
2
=
C
C
x
a
M
=
I
L
I
)
L
T
T
(
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I0
0
6A
µV
N
I
V
,
V
0
.
0
=
C
C
x
a
M
=
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S7
8
15
3
2A
m
e
r
a
u
q
s
,
n
e
p
o
s
t
u
p
t
u
O
.
n
r
e
t
t
a
p
P
D
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P0
2
60
2
8W
m
e
r
a
u
q
s
,
n
e
p
o
s
t
u
p
t
u
O
.
n
r
e
t
t
a
p
V
F
F
I
D
g
n
i
w
s
e
g
a
t
l
o
v
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
.
n
i
M
s
t
u
p
n
i
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
r
o
f
0
0
10
0
2
2V
m
∆V
T
U
O
e
g
a
t
l
o
V
l
a
i
t
n
e
r
e
f
f
i
D
t
u
p
t
u
O
l
a
i
r
e
S
g
n
i
w
S
0
0
2
10
0
0
20
0
2
2V
m0
5
1
Ω
.
d
n
u
o
r
g
o
t
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I3
F
p
Table 12. Reference Clock Requirements
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Dn
i
Mx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
T
Fe
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F0
0
1
-0
0
1
+m
p
p
D
T
2
-
1
y
r
t
e
m
m
y
S0
40
6%
.
t
p
%
0
5
t
a
e
l
c
y
C
y
t
u
D
T
R
C
R
T
,
F
C
R
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
K
L
C
F
E
R2
s
n.
%
0
8
-
%
0
2
J
R
r
e
t
t
i
J
m
o
d
n
a
R0
0
1s
p.
k
a
e
P
o
t
k
a
e
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com