Electronic Components Datasheet Search
  English  ▼

X  

S2060C Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # S2060C
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060C Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button S2060C Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 9Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 10Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 11Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 12Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
Figure 3. S2060 Pinout (S2060A, S2060B, S2060D)
1
2
3
4
5
6
7
8
9
10
11
48
47
46
45
44
43
42
41
40
39
38
S2060
TOP VIEW
37
36
DNC
COM_DET
TTLGND
RX[0]
RX[1]
RX[2]
TTLVCC
RX[3]
RX[4]
RX[5]
RX[6]
TTLVCC
RX[7]
35
34
33
RX[8]
RX[9]
VEE
12
13
VEE
TX[0]
TX[1]
TX[2]
VCC
TX[3]
TX[4]
TX[5]
TX[6]
VCC
TX[7]
TX[8]
TX[9]
14
15
16
RATEN
AVEE
DNC
Thermal Management
e
c
i
v
e
D
x
a
M
e
g
a
k
c
a
P
r
e
w
o
P
Θ
)
r
i
A
l
l
i
t
S
(
a
j
Θ c
j
)
e
g
a
k
c
a
p
S
H
/
P
F
Q
P
4
6
m
m
0
1
(
A
0
6
0
2
SW
3
3
3
.
1W
/
C
˚
5
4W
/
C
˚
5
1
)
e
g
a
k
c
a
p
P
F
Q
P
4
6
m
m
4
1
(
B
0
6
0
2
SW
3
3
3
.
1W
/
C
˚
5
4W
/
C
˚
5
1
h
t
i
w
e
g
a
k
c
a
p
P
F
Q
P
4
6
m
m
4
1
(
D
0
6
0
2
S
)
r
e
d
a
e
r
p
s
t
a
e
h
W
5
2
1
.
1W
/
C
˚
0
4W
/
C
˚
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com