Electronic Components Datasheet Search
  English  ▼

X  

BF1101 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF1101
Description  N-channel dual-gate MOS-FETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1101 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF1101 Datasheet HTML 2Page - NXP Semiconductors BF1101 Datasheet HTML 3Page - NXP Semiconductors BF1101 Datasheet HTML 4Page - NXP Semiconductors BF1101 Datasheet HTML 5Page - NXP Semiconductors BF1101 Datasheet HTML 6Page - NXP Semiconductors BF1101 Datasheet HTML 7Page - NXP Semiconductors BF1101 Datasheet HTML 8Page - NXP Semiconductors BF1101 Datasheet HTML 9Page - NXP Semiconductors BF1101 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
1999 May 14
6
NXP Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
Fig.9
Drain current as a function of gate 1 current;
typical values.
VDS =5 V.
VG2-S =4 V.
Tj =25 C.
handbook, halfpage
0
20
8
12
16
4
0
10
MGS303
20
30
40
50
ID
(mA)
IG1 (μA)
Fig.10 Drain current as a function of gate 1
supply voltage (= VGG); typical values.
VDS =5 V; VG2-S =4V; Tj =25 C.
RG1 =120 k (connected to VGG); see Fig.21.
handbook, halfpage
0
15
10
5
0
1
MGS304
23
5
4
ID
(mA)
VGG (V)
Fig.11 Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
VG2-S =4 V; Tj =25 C.
RG1 connected to VGG; see Fig.21.
handbook, halfpage
0
20
8
12
16
4
0
2
468
ID
(mA)
VGG = VDS (V)
RG1 = 47 kΩ 68 kΩ
82 k
Ω
100 k
Ω
120 k
Ω
150 k
Ω
180 k
Ω
220 k
Ω
MGS305
VDS =5 V; Tj =25 C.
RG1 =120 k (connected to VGG); see Fig.21.
Fig.12 Drain current as a function of gate 2 voltage;
typical values.
handbook, halfpage
0
8
12
16
4
0
2
MGS306
46
ID
(mA)
VG2-S (V)
4.5 V
4 V
3.5 V
3 V
VGG = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com