Electronic Components Datasheet Search
  English  ▼

X  

BF1101 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BF1101
Description  N-channel dual-gate MOS-FETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1101 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BF1101 Datasheet HTML 7Page - NXP Semiconductors BF1101 Datasheet HTML 8Page - NXP Semiconductors BF1101 Datasheet HTML 9Page - NXP Semiconductors BF1101 Datasheet HTML 10Page - NXP Semiconductors BF1101 Datasheet HTML 11Page - NXP Semiconductors BF1101 Datasheet HTML 12Page - NXP Semiconductors BF1101 Datasheet HTML 13Page - NXP Semiconductors BF1101 Datasheet HTML 14Page - NXP Semiconductors BF1101 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
1999 May 14
12
NXP Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT343R
D
A
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
0
1
2 mm
scale
X
21
4
3
Plastic surface-mounted package; reverse pinning; 4 leads
SOT343R
w M B
97-05-21
06-03-16
bp
UNIT
A1
max
bp
cD
E
b1
HE
Lp
Qw
v
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
0.7
0.5
2.2
1.8
1.35
1.15
e
2.2
2.0
1.3
e1
0.2
y
0.1
0.2
1.15
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
e1
A
e
y
b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com