Electronic Components Datasheet Search
  English  ▼

X  

S-8120ANP Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8120ANP
Description  LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8120ANP Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8120ANP Datasheet HTML 1Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 2Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 3Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 4Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 5Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 6Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 7Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 8Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 9Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
S-8120ANP ver.1.1
Seiko Instruments Inc.
2
LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
S-8120ANP
n
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Power supply Voltage
(Vss=0.0V)
Vdd
6.5
V
Output voltage
Vout
Vss
∼ Vdd
V
Operating temperature
Topr
-40
∼ +100
°C
Storage temperature
Tstg
-55
∼ +125
°C
n
Electrical characteristics
( 40
°C≤Ta≤+100°C,Vdd=5V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply Voltage
(Vss=0.0V)
Vdd
2.4
6.0
V
Ta = - 30
°C
1.802
1.823
1.844
V
Output voltage
Vout
Ta = + 30
°C
1.305
1.326
1.347
V
Ta = + 100
°C
0.697
0.718
0.739
V
Temperature sensitivity
Vse
- 30
≤ Ta ≤ + 100°C
- 8.78
- 8.50
- 8.22
mV/
°C
Nonlinearity
NL
- 20
≤ Ta ≤ + 80°C
±0.5
%
Operating temperature
Topr
- 40
+ 100
V
Current consumption
Idd
Ta = + 25
°C
4.5
10.0
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com