Electronic Components Datasheet Search
  English  ▼

X  

S-8120ANP Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8120ANP
Description  LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8120ANP Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8120ANP Datasheet HTML 1Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 2Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 3Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 4Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 5Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 6Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 7Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 8Page - Seiko Instruments Inc S-8120ANP Datasheet HTML 9Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
S-8120ANP ver.1.1
Seiko Instruments Inc.
3
LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR
S-8120ANP
n
Definition of terms
1. Output voltage ( Vout )
Output voltage Vout is defined as the voltage
between measured pin-4 and Vss.
Vout is linearly proportional to ambient
temperature.
S-8120AMP is tested for Vout at -30
°C,+30°C
and +100
°C.
2. Temperature sensitivity ( Vse )
Temperature sensitivity Vse is defined as the
average slope of the Vout versus Ta curve using
the following formula.
Vse
Vout
Vout
=
+
−
−
{
(
)
(
)}
100
30
130
Vout(+100) : Output voltage at Ta=+100
°C
Vout( - 30) : Output voltage at Ta= - 30
°C
3. Nonlinearity
NL
Nonlinearity
NL is defined as the deviation
of the Vout versus Ta curve from the best-fit
straight line over the device’s rated temperature
range.
∆ NL
a
b
= ~100
a : The maximum deviation of the Vout vs.
Ta curve from the best-fit straight line
between - 20
°C and +80°C.
b : The difference of the output voltage
between - 20
°C and +80°C.
Vout(-30)
Vout(+100)
0
°C
+100
°C
+30
°
slope : Temperature sensitivity
-30
°C
Output voltage Vout
Ambient temperature Ta
Output voltage Vout
Ambient temperature Ta
a
Vout(-20)
b
a
a
Vout(+80)
0
°C
+80
°C
Vout vs. Ta curve
Best-fit
straight line
-20
°C
Output voltage Vout
0
°C
+100
°C
max.
min.
+30
°C
Ambient temperature Ta
-30
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com