Electronic Components Datasheet Search
  English  ▼

X  

ACT4462D Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4462D
Description  Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4462D Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4462D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SCD4462D Rev E 10/9/07
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Operating Case Temperature
-55°C to +125°C
Storage Case Temperature
-65°C to +150°C
Power Supply Voltages
±15 VDC P.S. to ±18 VDC MAX
+5 VDC P.S. to +7 VDC
Logic Input Voltage
-0.3 V to +5.5 V
Receiver Differential Input
±40 V
Receiver Input Voltage (Common Mode)
±10 V
Driver Peak Output Current
150 mA
Amplitude Control Voltage
-0.5 VDC to +0.5 VDC
Total Package Power Dissipation over the Full Operating
Case Temperature Range *
1553-3.25 Watt / H009 - 1.72 Watt
(Note: Normal operation conditions require one transmitter on
and the other off at any given time)
Maximum Junction to Case Temperature (100% duty cycle) *
1553-16.25°C / H009-8.6°C
Junction-Case, Thermal Resistance
5°C/W
* Macair-1553/H009
ELECTRICAL CHARACTERISTICS – DRIVER SECTION
INPUT CHARACTERISTICS, TX DATA IN OR TX DATA IN (H009, MACAIR & MIL-STD-1553)
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNIT
"0" Input Current
VIN = 0.4V
IILD
-
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7V
IIHD
-
1
40
µA
"0" Input Voltage
VILD
--
0.7
V
"1" Input Voltage
VIHD
2.0
-
-
V
INHIBIT CHARACTERISTICS (H009, MACAIR & MIL-STD-1553)
"0" Input Current
VIN = 0.4V
IILI
-
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7V
IIHI
-
1.0
40
µA
"0" Input Voltage
VILI
--
0.7
V
"1" Input Voltage
VIHI
2-
-
V
Delay from TX inhibit, (0
➝1) to inhibited output
Note 1
tDXOFF
-
200
500
nS
Delay from TX inhibit, (1
➝0) to active output
Note 1
tDXON
-
250
700
nS
Differential Output Noise, inhibit mode
VNOI
-
0.8
10
mVp-p
Differential Output Impedance (inhibited)
Note 2
ZOI
10K
-
-
Ω
Amplitude Control Voltage
Input Current
Input Resistance
VCTL = 10V
-
VICTL
ZO
-
10K
1.0
-
-
-
mA
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com