Electronic Components Datasheet Search
  English  ▼

X  

ACT4462D Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT4462D
Description  Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4462D Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button ACT4462D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
SCD4462D Rev E 10/9/07
Aeroflex Plainview
FIGURE 5 – TRANSMITTER (TX)
FIGURE 6 – TRANSMITTER (TX)
16V P-P MIN
24V P-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A' in Fig 9 & 12
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A' in Fig 9 & 12
0 Volts
Magnified View
FIGURE 8 – MACAIR/1553 POWER
OUTPUT WAVEFORM
OUTPUT OFFSET
DISSIPATION vs DUTY CYCLE
0
10
20
30
40
50
60
70
80
90 100
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE, PERCENT
MAXIMUM
CONNECTION
(Total hybrid with one channel
transmitting and the other in standby)
FIGURE 10 – TRANSMITTER (TX) OUTPUT
AMPLITUDE vs CONTROL VOLTAGE
0
1
2
3
4
5
6
7
8
9
10
CONTROL VOLTAGE
12
15
27
30
24
21
18
9
6
3
0
Typical
Slope = 3VP-P/Vdc
VP-P @ B - B'
Vdc
FIGURE 9 – H009 TYPICAL TRANSFORMER
N1:N2
A
A'
34
Ω
34
Ω
Transformer turns ratio:
N1:N2 = 1:1
Recommend Technitrol 1553-1
10K
Ω
10K
Ω
C*
R is determined at system level
C*
RX DATA IN
TX DATA OUT
RX DATA IN
TX DATA OUT
TRANSCEIVER
UNDER TEST
RX DATA OUT
RX DATA OUT
170
Ω
Terminal
THRESHOLD A / B
THRESHOLD A / B
R
R
* Cap is 0.5 - 1µF ceramic BX/X7R
TYPICAL
FIGURE 7 – H009 POWER
DISSIPATION vs DUTY CYCLE
0
10
20
30
40
50
60
70
80
90 100
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
DUTY CYCLE, PERCENT
MAXIMUM
(Total hybrid with one channel
transmitting and the other in standby)
2.25
TYPICAL
2.50
4.5
5.0
AMP CTL
(See Figure 12 herein)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com