Electronic Components Datasheet Search
  English  ▼

X  

S3979 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # S3979
Description  POSITION SENSITIVE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S3979 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button S3979 Datasheet HTML 8Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 9Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 10Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 11Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 12Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 13Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 14Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 15Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
9
Noise currents are calculated below, assuming that the
feedback resistance Rf of the current-to-voltage conversion
circuit is sufficiently greater than the PSD interelectrode
resistance Rie. In this case, 1/Rf can be ignored since it is
sufficiently small compared to 1/Rie. Position resolution as
listed in our PSD data sheets is calculated by this method.
1) Shot noise current Is originating from photocurrent and
dark current
2) Thermal noise current (Johnson noise current) Ij generated
from interelectrode resistance (This can be ignored as Rsh
>> Rie.)
3) Noise current Ien by equivalent noise input voltage of
operational amplifier
By taking the sum of equations (5-4), (5-5) and (5-6), the
PSD noise current can be expressed as an RMS value
as follows:
If Rf cannot be ignored versus Rie (as a guide, Rie/Rf >
0.1), then the equivalent noise output voltage must be
taken into account. In this case, equations (5-4), (5-5)
and (5-6) are converted into output voltages as follows:
The thermal noise from the feedback resistance and the
equivalent noise input current of the operational amplifier
are also added as follows:
The equivalent noise input voltage of the operational am-
plifier is then expressed as an RMS value by the following
equation.
Figure 5-3 shows the shot noise current plotted along the
signal photocurrent value when Rf >>Rie. Figure 5-4
shows the thermal noise current and the noise current by
the equivalent noise input voltage of the operational
amplifier, plotted along the interelectrode resistance value.
When using a PSD with an interelectrode resistance of
about 10 k
W, the operational amplifier becomes a crucial
factor in determining the noise current, so a low-noise-
current operational amplifier must be used. When using a
PSD with an interelectrode resistance exceeding 100 k
W,
the thermal noise generated from the interelectrode
resistance of the PSD itself will be predominant.
As explained above, PSD position resolution is determined
by interelectrode resistance and light intensity. This is the
point in which the PSD greatly differs from discrete type
position detectors.
The following methods are effective for increasing the PSD
position resolution.
· Increase the signal photocurrent Io.
· Increase the interelectrode resistance Rie.
· Shorten the resistance length L.
· Use a low noise operational amplifier.
The position resolution listed in our PSD data sheets is
measured under the following conditions.
· Photocurrent: 1 µA
· Circuit input noise: 1 µV (31.6 nV/Hz1/2)
· Frequency bandwidth: 1 kHz
Is =
2q . (Io + ID) . B [A] ............ (5-4)
q : Electron charge (1.60 × 10-19 C)
Io: Signal photocurrent (A)
ID: Dark current (A)
B : Bandwidth (Hz)
k : Boltzmann constant (1.38 × 10-23 J/K)
T : Absolute temperature (K)
Rie: Interelectrode resistance (
W)
en: Equivalent noise input voltage of operational amplifier
(V/Hz1/2)
Ij =
[A] ............ (5-5)
4 kTB
Rie
Ien =
B [A] ............ (5-6)
en
Rie
In =
Is2 + Ij2 + Ien2 [A] ............ (5-7)
Vs = Rf .
2q . (Io + ID) . B [V] ............ (5-8)
Vj = Rf .
[V] .............................. (5-9)
4 kTB
Rie
B
Ven = 1 +
. en .
[V] .............. (5-10)
Rf
Rie
B
VRf = Rf .
[V] ............................ (5-11)
4 kTB
Rf
Vin = Rf . in .
[V] ............................ (5-12)
Vn =
Vs2 + Vj2 + Ven2 + VRf2 + Vin2 [V] ............ (5-13)
Characteristic and use
Figure 5-3 Shot noise vs. signal photocurrent
Figure 5-4 Noise current vs. interelectrode resistance
KPSDB0083EA
KPSDB0084EA
SIGNAL PHOTOCURRENT (µA)
(Typ. Ta=25 ˚C)
0.1
0.01
0.01
0.1
10
1
110
INTERELECTRODE RESISTANCE (k
Ω)
(Typ. Ta=25 ˚C)
100
10
0.01
0.1
10
1
1000
Thermal noise current Ij generated from
interelectrode resistance
Noise current (en=10 nV) by equivalent
noise input voltage of operational amplifier
Noise current (en=30 nV) by equivalent
noise input voltage of operational amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com