Electronic Components Datasheet Search
  English  ▼

X  

S3979 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # S3979
Description  POSITION SENSITIVE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S3979 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button S3979 Datasheet HTML 8Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 9Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 10Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 11Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 12Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 13Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 14Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 15Page - List of Unclassifed Manufacturers S3979 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
10
Figure 6-1 Response wavelength example of PSD
KPSDC0078EB
2) Diffusion time t2 of carriers generated outside the deple-
tion layer
Carriers are also generated outside the depletion layer
when light is absorbed in the PSD chip surrounding areas
outside the active area or at locations deeper than the de-
pletion layer in the substrate. These carriers diffuse through
the substrate and are extracted as an output. The time t2
required for these carriers to diffuse may be more than sev-
eral microseconds.
The equation below gives the approximate rise time tr of a
PSD. Figure 6-1 shows typical output waveforms in re-
sponse to stepped light input.
Figure 6-2 shows the relation between the rise time and re-
verse voltage measured at different wavelengths. The rise
time can be reduced by increasing the reverse voltage and
using a light beam of shorter wavelengths. Selecting a PSD
with a small Rie is also effective in improving the rise time.
A method for integrating position signals can be used when
detecting pulsed light having a pulse width shorter than the
PSD rise time.
Characteristic and use
6. Response speed
As with photodiodes, the response speed of PSD is the
time required for the generated carriers to be extracted as
current by an external circuit. This is generally expressed
as the rise time tr and is an important parameter when de-
tecting a spot light traveling over the active surface at high
speeds or using pulse-modulated light for subtracting the
background light. The rise time is defined as the time need-
ed for the output signal to rise from 10 to 90 % of its peak
value and is chiefly determined by the following two factors.
1) Time constant t1 determined by the interelectrode resist-
ance, load resistance and terminal capacitance
The interelectrode resistance Rie of PSD basically acts as
load resistance RL, so the time constant t1 is given by the
interelectrode resistance Rie and terminal capacitance Ct,
as follows:
The rise time listed in our PSD datasheets is measured
with a spot light striking the center of the active area with
the interelectrode resistance Rie distributed between the
electrodes. So the time constant t1 is as follows:
t1 = 2.2 . Ct . (Rie + RL) ......... (6-1)
t1 = 0.5 . Ct . (Rie + RL) ......... (6-2)
Figure 6-2 Rise time vs. reverse voltage (S4583-06)
KPSDB0110EA
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
1
0.1
0
10
8
6
4
2
10
100
l=890 nm
l=650 nm
t12 + t22 .................... (6-3)
tr
LIGHT INPUT
OUTPUT WAVEFORM
(t1>>t2)
OUTPUT WAVEFORM
(t2>>t1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com