Electronic Components Datasheet Search
  English  ▼

X  

UT06MRA100 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT06MRA100
Description  Commercial RadHardTM Gate Array Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT06MRA100 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT06MRA100 Datasheet HTML 8Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 9Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 10Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 11Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 12Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 13Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 14Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 15Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 16Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
3V DC ELECTRICAL CHARACTERISTICS
(VDD = 3.3V .3V; -55C < TC < +125C)
1,2
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VIL
3
Low-level input voltage
CMOS
VDD = 3.0V and 3.6V
0.8
.3VDD
V
VIH
3
High-level input voltage
CMOS
VDD = 3.0V and 3.6V
2.4
.7VDD
V
VT+
3
Schmitt Trigger, positive going threshold
VDD = 3.0V and 3.6V
.7VDD
V
VT-
3
Schmitt Trigger, negative going threshold
VDD = 3.0V and 3.6V
.3VDD
V
VH
4
Schmitt Trigger, typical range of hysteresis
.6
V
IIN
Input leakage current
TTL, CMOS, and Schmitt inputs
Inputs with pull-down resistors
Inputs with pull-down resistors
Inputs with pull-up resistors
Inputs with pull-up resistors
Cold Spare Inputs - normal mode
Cold Spare Inputs - cold spare mode
VDD = 3.6V
VIN = VDD and VSS
VIN = VDD
VIN = VSS
VIN = VSS
VIN = VDD
VIN = 0 to 3.6V
VDD = VSS = 0V
VIN = V and 3.6V
-1
+10
-5
-225
-5
-5
-5
1
+225
+5
-10
+5
+5
+5
A
VOL
Low-level output voltage
TTL 2.0mA buffer
TTL 4.0mA buffer
TTL 8.0mA buffer
CMOS outputs
CMOS outputs (optional)
CMOS outputs (cold spare)
VDD = 3.0V
IOL = 2.0mA
IOL= 4.0mA
IOL= 8.0mA
IOL = 1.0A
IOL = 100A
IOL = 100A
0.4
0.4
0.4
0.05
0.25
0.25
V
VOH
High-level output voltage
TTL 2.0mA buffer
TTL 4.0mA buffer, CMOS
TTL 8.0mA buffer
CMOS outputs
CMOS outputs (optional)
CMOS outputs (cold spare)
VDD = 3.0V
IOH = 2.0mA
IOH = 2.0mA
IOH = 8.0mA
IOH = 1.0A
IOH = 100A
IOH = 100A
2.4
2.4
2.4
VDD-0.05
VDD-0.35
VDD-0.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com