Electronic Components Datasheet Search
  English  ▼

X  

UT06MRA100 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT06MRA100
Description  Commercial RadHardTM Gate Array Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT06MRA100 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT06MRA100 Datasheet HTML 1Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 2Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 3Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 4Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 5Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 6Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 7Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 8Page - Aeroflex Circuit Technology UT06MRA100 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Table 1. Gate Densities
Notes:
1. Based on NAND2 equivalents. Actual usable gate count is design-dependent. Estimates reflect a mix of functions including RAM.
2. Includes five pins that may or may not be reserved for JTAG boundary-scan, depending on user requirements.
3. Reserved for dedicated VDD/VSS and VDDQ/VSSQ.
4.Aeroflex offers four die sizes: KD (280 mils), KC (407 mils), KB (535 mils), and KM (677 mils).
Low-noise Device and Package Solutions
The UT0.6
CRH array family’s output drivers feature program-
mable slew rate control for minimizing noise and switching
transients. This feature allows the user to optimize edge charac-
teristics to match system requirements. Separate on-chip power
and ground buses are provided for internal cells and output drivers
which further isolate internal design circuitry from switching
noise.
In addition, Aeroflex offers advanced low-noise package tech-
nology with multi-layer, co-fired ceramic construction featuring
built-in isolated power and ground planes (see Table 2). These
planes provide lower overall resistance/inductance through pow-
er and ground paths which minimize voltage drops during periods
of heavy switching. These isolated planes also help sustain supply
voltage during dose rate events, thus preventing rail span
collapse.
Flatpacks are available with up to 352 leads; PGAs are available
with up to 299 pins and LGAs to 472 pins. Aeroflex’s flatpacks
feature a non-conductive tie bar that helps maintain lead integrity
through test and handling operations. In addition to the packages
listed in Table 2, Aeroflex offers custom package development
and package tooling modification services for individual
requirements.
DEVICE PART NUMBERS
EQUIVALENT USABLE GATES1 SIGNAL I/O2
POWER & GROUND PADS3
UT06MRA010
10,000
192
48
UT06MRA025
25,000
192
48
UT06MRA050
50,000
192
48
UT06MRA075
75,000
312
72
UT06MRA100
100,000
312
72
UT06MRA150
150,000
312
72
UT06MRA200
200,000
432
96
UT06MRA250
250,000
432
96
UT06MRA300
300,000
432
96
UT06MRA350
350,000
432
96
UT06MRA400
400,000
544
144
UT06MRA450
450,000
544
144
UT06MRA500
500,000
544
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com