Electronic Components Datasheet Search
  English  ▼

X  

SII161A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SII161A
Description  SiI 161A PanelLink Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII161A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SII161A Datasheet HTML 9Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 10Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 11Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 12Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 13Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 14Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 15Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 16Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Silicon Image, Inc.
SiI 161A
SiI-DS-0009-D
Silicon Image, Inc.
13
Subject to Change without Notice
TFT Panel Data Mapping
The following table shows the output data mapping in one pixel per clock mode for the Si
I 161A. This output data
mapping is dependent upon the
SiI PanelLink transmitters having the exact same type of input data mappings.
Please refer to the Si
I PanelLink transmitter for the specific input data mappings and to the TFT Signal Mapping
application note (Si
I AN-0007).
Si
I 161A
1-Pixel/Clock Output
18bpp
24bpp
BLUE[7:0]
QE[7:2]
QE[7:0]
GREEN[7:0]
QE[15:10]
QE[15:8]
RED[7:0]
QE[23:18]
QE[23:16]
Table 1. One Pixel/Clock Mode Data Mapping
Si
I 161A
2-Pixel/Clock Output
18bpp
24bpp
BLUE[7:0] - 0
QE[7:2]
QE[7:0]
GREEN[7:0] – 0
QE[15:10]
QE[15:8]
RED[7:0] – 0
QE[23:18]
QE[23:16]
BLUE[7:0] – 1
QO[7:2]
QO[7:0]
GREEN[7:0] – 1
QO[15:10]
QO[15:8]
RED[7:0] – 1
QO[23:18]
QO[23:16]
Table 2. Two Pixel/Clock Mode Data Mapping
Note: For 18-bit mode, the Flat Panel Timing Controller interfaces to the Si
I 161A exactly the same as in the 24-bit
mode; however, only 6-bits per channel (color) are interfaced instead of the full 8. As can be seen from the above
table, the data mapping for less than 24-bit per pixel interfaces are MSB justified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com