Electronic Components Datasheet Search
  English  ▼

X  

SII161A Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SII161A
Description  SiI 161A PanelLink Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII161A Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SII161A Datasheet HTML 14Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 15Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 16Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 17Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 18Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 19Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 20Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 21Page - List of Unclassifed Manufacturers SII161A Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Silicon Image, Inc.
SiI 161A
SiI-DS-0009-D
Silicon Image, Inc.
18
Subject to Change without Notice
Implementation Guidelines for Thermal Land Design:
As described above, a thermal land on the PCB may be incorporated on the PCB to improve the heat removal from
the package. An example of this is shown in Figure 11, which depicts the exposed heat pad and Figure 12, which
shows a TQFP Thermal Land Design on a PCB. The size of this thermal land can be smaller or larger than the
exposed pad on the package. A clearance of at least 0.25 mm should be designed on the PCB between the outer
edges of the thermal land and the inner edges of pad pattern for the leads to avoid any shorts.
Figure 11. Bottom View of Thermally Enhanced 100-pin TQFP Package
Figure 12. TQFP Thermal Land Design on PCB
7.5
7.5
7.5
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com