Electronic Components Datasheet Search
  English  ▼

X  

SL1640 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SL1640
Description  THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1640 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SL1640 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1640 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1640 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1640 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1640 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1640 Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SL1640
DOUBLE BALANCED MODULATORS
The SL1640 is a double balanced modulator intended for
use in radio systems at frequencies up to 75MHz. The SL1640
has an integral output load resistor (Pin 5) together with an
emitter follower output (Pin 6).
DP8
Fig.1 Pin connections (top view)
Fig.2 Block diagram (SL1640)
DS3634 - 2.0
SL1640 IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
FEATURES
s
No External Bias Networks Needed
s
Easy Interfacing
s
Choice of Voltage or Current Outputs
APPLICATIONS
s
Mixers In Radio Transceivers
s
Phase Comparators
s
Modulators
QUICK REFERENCE DATA
s
Supply Voltage: 6V
s
Conversion Gain: 0dB
s
Maximum Inputs: 200mV rms
ABSOLUTE MAXIMUM RATINGS
Supply voltage:
9V
Storage temperature:
-55
°C to +150°C
Operating temperature range:
0
°C to +70°C
Chip operating temperature:
+150
°C
Thermal resistance
Chip-to-ambient
111
°C/W
Chip-to-case
71
°C/W
ORDERING INFORMATION
SL1640 C DP
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com