Electronic Components Datasheet Search
  English  ▼

X  

CD4035BM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4035BM
Description  4-Bit Parallel-In/Parallel-Out Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4035BM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4035BM Datasheet HTML 1Page - National Semiconductor (TI) CD4035BM Datasheet HTML 2Page - National Semiconductor (TI) CD4035BM Datasheet HTML 3Page - National Semiconductor (TI) CD4035BM Datasheet HTML 4Page - National Semiconductor (TI) CD4035BM Datasheet HTML 5Page - National Semiconductor (TI) CD4035BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4035BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C25 C85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIL
Low Level Input Voltage
lIOl k 1 mA
VDD e 5V
VO e 05V or 45V
15
15
15
V
VDD e 10V
VO e 10V or 90V
30
30
30
V
VDD e 15V
VO e 15V or 135V
40
40
40
V
VIH
High Level Input Voltage
lIOl k 1 mA
VDD e 5V
VO e 05V or 45V
35
35
35
V
VDD e 10V
VO e 10V or 90V
70
70
70
V
VDD e 15V
VO e 15V or 135V 110
110
110
V
IOL
Low Level Output Current VDD e 5V
VO e 04V
052
044
088
036
mA
(Note 3)
VDD e 10V
VO e 05V
13
11
225
09
mA
VDD e 15V
VO e 15V
36
30
88
24
mA
IOH
High Level Output Current VDD e 5V
VO e 46V
b
02
b
016
036
b
012
mA
(Note 3)
VDD e 10V
VO e 95V
b
05
b
04
09
b
03
mA
VDD e 15V
VO e 135V
b
14
b
12
b
35
b
10
mA
IIN
Input Current
VDD e 15V
VIN e 0V
b
03
b
10b5 b03
b
10
m
A
VDD e 15V
VIN e 15V
03
10b5
03
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k tr and tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCKED OPERATION
tPHL tPLH
Propagation Delay Time
VDD e 5V
250
500
ns
VDD e 10V
100
200
ns
VDD e 15V
75
150
ns
tTHL
Transition Time High
VDD e 5V
90
175
ns
Low to High
VDD e 10V
50
75
ns
VDD e 15V
40
60
ns
tTLH
Transition Time
VDD e 5V
135
270
ns
Low to High
VDD e 10V
70
140
ns
VDD e 15V
60
120
ns
tWL tWH
Minimum Clock Pulse Width
VDD e 5V
335
135
ns
VDD e 10V
165
50
ns
VDD e 15V
100
40
ns
trCL tfCL
Clock Rise and Fall Time
VDD e 5V
15
m
s
VDD e 10V
10
m
s
VDD e 15V
5
m
s
tS
Minimum Set-up Time
JK Lines
VDD e 5V
250
500
ns
VDD e 10V
100
200
ns
VDD e 15V
80
160
ns
tS
Parallel-In Lines
VDD e 5V
250
500
ns
VDD e 10V
100
200
ns
VDD e 15V
80
160
ns
tS
PS Control
VDD e 5V
100
200
ns
VDD e 10V
40
80
ns
VDD e 15V
35
60
ns
fMAX
Maximum Clock Frequency
VDD e 5V
15
25
MHz
VDD e 10V
3
6
MHz
VDD e 15V
5
9
MHz
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com