Electronic Components Datasheet Search
  English  ▼

X  

CD4035BM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4035BM
Description  4-Bit Parallel-In/Parallel-Out Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4035BM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4035BM Datasheet HTML 1Page - National Semiconductor (TI) CD4035BM Datasheet HTML 2Page - National Semiconductor (TI) CD4035BM Datasheet HTML 3Page - National Semiconductor (TI) CD4035BM Datasheet HTML 4Page - National Semiconductor (TI) CD4035BM Datasheet HTML 5Page - National Semiconductor (TI) CD4035BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to VDD a05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Operating Conditions (Note 2)
DC Supply Voltage (VDD)
3Vto15V
Input Voltage (VIN)
0VtoVDDV
Operating Temperature Range (TA)
CD4035BM
b
55 Cto a125 C
CD4035BC
b
40 Cto a85 C
DC Electrical Characteristics CD4035BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current VDD e 5V VIN e VDD or VSS
5
03
5
150
m
A
VDD e 10V VIN e VDD or VSS
10
05
10
300
m
A
VDD e 15V VIN e VDD or VSS
20
10
20
600
m
A
VOL
Low Level Output Voltage
lIOl k 10 mA
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage
lIOl k 10 mA
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
lIOl k 10 mA
VDD e 5V
VO e 05V or 45V
15
15
15
V
VDD e 10V
VO e 10V or 90V
30
30
30
V
VDD e 15V
VO e 15V or 135V
40
40
40
V
VIH
High Level Input Voltage
lIOl k 10 mA
VDD e 5V
VO e 05V or 45V
35
35
35
V
VDD e 10V
VO e 10V or 90V
70
70
70
V
VDD e 15V
VO e 15V or 135V
110
110
110
V
IOL
Low Level Output Current
VDD e 5V
VO e 04V
064
051
088
036
mA
(Note 3)
VDD e 10V
VO e 05V
16
13
225
09
mA
VDD e 15V
VO e 15V
42
34
88
24
mA
IOH
High Level Output Current VDD e 5V
VO e 46V
b
025
b
02
036
b
014
mA
(Note 3)
VDD e 10V
VO e 95V
b
062
b
05
09
b
035
mA
VDD e 15V
VO e 135V
b
18
b
15
b
35
b
11
mA
IIN
Input Current
VDD e 15V
VIN e 0V
b
01
b
10b5 b01
b
10
m
A
VDD e 15V
VIN e 15V
01
10b5
01
10
m
A
DC Electrical Characteristics CD4035BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V VIN e VDD or VSS
20
05
20
150
m
A
VDD e 10V VIN e VDD or VSS
40
10
40
300
m
A
VDD e 15V VIN e VDD or VSS
80
50
80
600
m
A
VOL
Low Level Output Voltage
lIOl k 1 mA
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage
lIOl k 1 mA
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com