Electronic Components Datasheet Search
  English  ▼

X  

U406 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # U406
Description  LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

U406 Datasheet(HTML) 2 Page - Linear Integrated Systems

  U406 Datasheet HTML 1Page - Linear Integrated Systems U406 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201123 03/18/2015 Rev#A8 ECN# SST/U401 SST/U406
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
OUTPUT CONDUCTANCE
GOSS
Full Conduction
--
--
40
µS
VDS= 10V,
VGS= 0V, f = 1kHz
GOS
Operating
--
2
2.7
µS
VDS= 15V,
ID= 200µA, f = 1kHz
COMMON MODE REJECTION
V DG1= 10V
CMRR
-20 log [(VGS1-VGS2)
/ΔVDG1-2]
95
--
--
dB
V DG2= 20V ID1= ID2=200µA
NOISE
NF
Figure
--
--
0.5
dB
VDS= 15V
VGS= 0
RG=10M
f= 100Hz
NBW= 6Hz
en
Voltage
--
6
20
nV/Hz
VDS= 15V
ID= 200µA f= 10Hz
NBW= 1Hz
CAPACITANCE
CISS
Input
--
4
8
pF
VDS= 15V
ID= 200µA f= 1MHz
CRSS
Reverse Transfer
--
1.5
3
pF
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
2. Derate 2.4mW/ºC when TA is greater than 25ºC
3. All MIN/TYP/MAX limits are absolute numbers. Negative signs indicate electrical polarity only.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
8
4
8
4
0.210
0.170
TO-71
TO-78
P-DIP
SOIC
Note: All Dimensions in inches
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com