Electronic Components Datasheet Search
  English  ▼

X  

TFS140AM Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS140AM
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS140AM Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS140AM Datasheet HTML 1Page - Vectron International, Inc TFS140AM Datasheet HTML 2Page - Vectron International, Inc TFS140AM Datasheet HTML 3Page - Vectron International, Inc TFS140AM Datasheet HTML 4Page - Vectron International, Inc TFS140AM Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 140am.doc
Version 1.5
25.02.2008
VI TELEFILTER
Filter specification
TFS 140AM
5/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
History
Version
Reason of Changes
Name
Date
1.0
- Generation of development specification
Alawneh
05.05.2006
1.1
- Change data
Strehl
15.06.2006
1.2
- Introduced relative attenuation at fn +/- 14 MHz
Chilla
03.08.2006
1.3
- Changed insertion loss
Chilla
10.05.2006
- Changed relative attenuation
- Changed absolute group delay
- Changed input power
- Added comment for rejection at fn+/-14MHz
- Added comment for phase ripple
- Changed packing
1.4
- Created filter specification
Chilla
17.08.2007
- Added terminating impedances
- Added typical values
- Added filter characteristic
- Added test circuit
- attenuation limit at fN +/-14 MHz removed
1.5
- changed relative attenuation at fN+110 MHz … fN+130 MHz
Chilla
25.02.2008
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com