Electronic Components Datasheet Search
  English  ▼

X  

TFS140AM Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS140AM
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS140AM Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS140AM Datasheet HTML 1Page - Vectron International, Inc TFS140AM Datasheet HTML 2Page - Vectron International, Inc TFS140AM Datasheet HTML 3Page - Vectron International, Inc TFS140AM Datasheet HTML 4Page - Vectron International, Inc TFS140AM Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 140am.doc
Version 1.5
25.02.2008
VI TELEFILTER
Filter specification
TFS 140AM
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Measurement condition
Ambient temperature:
25
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
143 Ω || -26 pF
Output:
144 Ω || -29 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 140AM is the minimum of the pass band attenuation. This value is defined as the insertion
loss ae. The nominal frequency fN is fixed at 140 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole operating
temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
8,5
dB
max.
11
dB
(reference level)
Nominal frequency
fN
140,0
MHz
Passband
PB
23,9
MHz
fN
±
10,25 MHz
Passband ripple
0,3
dB
max.
1,4
MHz
Passband ripple
over any 10 kHz segment
0,02
dB
max.
0,2
MHz
Relative attenuation
arel
fN -
10,25
MHz … fN +
10,25
MHz
0,3
dB
max.
1,4
dB
fN -
100,0
MHz … fN -
17,3
MHz
42
dB
min.
40
dB
fN -
17,3
MHz … fN -
15,3
MHz
33
dB
min.
30
dB
fN ±
14,0
MHz
2)
28
dB
fN +
16,3
MHz … fN +
18,3
MHz
39
dB
min.
30
dB
fN +
18,3
MHz … fN +
80,0
MHz
42
dB
min.
40
dB
fN +
80,0
MHz … fN +
110,0
MHz
58
dB
min.
50
dB
fN +
110,0
MHz … fN +
130,0
MHz
58
dB
min.
35
dB
fN +
130,0
MHz … fN +
210,0
MHz
40
dB
min.
40
dB
Absolute group delay
0,8
µs
max.
1,5
µs
Group delay ripple within PB
55
ns
max.
100
ns
Phase linearity within PB
3)
p-p
5
deg
max.
15
deg
Triple transit response suppression
40
dB
min.
35
dB
VSWR
1,5:1
max.
2 : 1
Input power level
max.
+ 17
dBm
Operating temperature range
OTR
- 40 °C ... + 85 °C
Storage temperature range
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf
4)
-90
ppm/K
-
1) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
2) @ 25 °C
3) over 90% of actual 1dB bandwidth
4) ∆f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz)
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS140AM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS140A VECTRON-TFS140A Datasheet
38Kb / 4P
Filter Specification
TFS140A1 VECTRON-TFS140A1 Datasheet
73Kb / 5P
Filter Specification
TFS140A2 VECTRON-TFS140A2 Datasheet
146Kb / 5P
Filter Specification
TFS140A3 VECTRON-TFS140A3 Datasheet
123Kb / 5P
Filter Specification
TFS140AE VECTRON-TFS140AE Datasheet
134Kb / 5P
Filter specification
More results

Similar Description - TFS140AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com