Electronic Components Datasheet Search
  English  ▼

X  

TFS166 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS166
Description  VI TELEFILTER Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS166 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS166 Datasheet HTML 1Page - Vectron International, Inc TFS166 Datasheet HTML 2Page - Vectron International, Inc TFS166 Datasheet HTML 3Page - Vectron International, Inc TFS166 Datasheet HTML 4Page - Vectron International, Inc TFS166 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 166.doc
Version 1.2
28.02.2008
VI TELEFILTER
Filter specification
TFS 166
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
298
|| -15.7 pF
Output:
126
|| -28.2 pF
Characteristics
Remark:
reference level for the relative attenuation arel of the TFS166 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation
amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 2 dB filter attenuation
level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid for both the reference frequency fc and the frequency response of
the filter in the operating temperature range. The frequency shift of the filter in the operating temperature range is not included in the production tolerance
scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
10,6
dB
max.
12,0
dB
(reference level)
Nominal frequency
fN
-
166,4
MHz
Centre frequency
fC
166,4
MHz
± 0,25 MHz
Passband
PB
9,9
MHz
f
C
±
4,8
MHz
Pass band ripple
p-p
0,6
dB
max.
2
dB
Bandwidth
BW
2
dB
9,9
MHz
min.
9,6
MHz
Relative attenuation
arel
f
C
… f
C
±
4,8
MHz
1,5
dB
max.
2
dB
f
C
±
6,4
MHz … f
C
±
8,0
MHz
28
dB
min.
24
dB
f
C
±
8,0
MHz … f
C
±
25,6
MHz
45
dB
min.
30
dB
f
C
±
25,6
MHz … f
C
±
35,8
MHz
53
dB
min.
43
dB
f
C
±
35,8
MHz … f
C
±
50,0
MHz
53
dB
min.
45
dB
Input power level
-
max.
10
dBm
Operating temperature range
OTR
-
- 40 °C ... + 85 °C
Storage temperature range
-
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf **
- 18
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values
only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆f(Hz) = TCf(ppm/K) x (T-T0) x fcat(MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS166

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1668 VECTRON-TFS1668 Datasheet
83Kb / 5P
Vectron International Filter specification
More results

Similar Description - TFS166

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
VI TELEFILTER Filter specification
TFS190U VECTRON-TFS190U Datasheet
119Kb / 5P
VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
VI TELEFILTER Filter specification
TFS192H VECTRON-TFS192H Datasheet
142Kb / 5P
VI TELEFILTER Filter specification
TFS1068A VECTRON-TFS1068A Datasheet
183Kb / 5P
VI TELEFILTER Filter specification
TFS1080C VECTRON-TFS1080C Datasheet
85Kb / 5P
VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
VI TELEFILTER Filter specification
TFS1089 VECTRON-TFS1089 Datasheet
143Kb / 5P
VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com