Electronic Components Datasheet Search
  English  ▼

X  

TFS166 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS166
Description  VI TELEFILTER Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS166 Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS166 Datasheet HTML 1Page - Vectron International, Inc TFS166 Datasheet HTML 2Page - Vectron International, Inc TFS166 Datasheet HTML 3Page - Vectron International, Inc TFS166 Datasheet HTML 4Page - Vectron International, Inc TFS166 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: tfs 166.doc
Version 1.2
28.02.2008
VI TELEFILTER
Filter specification
TFS 166
3/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Stability characteristics, reliability
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 1 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: three times max.;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
This filter is RoHS compliant (2002/95/EG, 2005/618/EG)
Packing
Tape & Reel:
IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min. 300 mm
reel of empty components at start including leader:
min. 500 mm
trailer:
min. 300 mm
!"
#
$% & ' (!
)*+
' !
,!
-
A
C
N
W 1
W 2
The minimum bending radius is 45 mm.
Tape (all dimensions in mm)
W
: 16,00 ± 0,3
Po
: 4,00 ± 0,1
Do
: 1,50 +0,1/-0
E
: 1,75 ± 0,1
F
: 7,50 ± 0,1
G(min)
: 0,60
P2
: 2,00 ± 0,1
P1
: 8,00 ± 0,1
D1(min)
: 1,50
Ao
: 5,50 ± 0,1
Bo
: 7,50 ± 0,1
Ct
: 13,5 ± 0,1
Reel (all dimensions in mm)
A
:330
W1
: 16,4 +2/-0
W2(max) : 22,4
N(min)
: 50
C
: 13,0 +0,5/-0,2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com