Electronic Components Datasheet Search
  English  ▼

X  

SCM1256MF Datasheet(PDF) 3 Page - Sanken electric

Part # SCM1256MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1256MF Datasheet(HTML) 3 Page - Sanken electric

  SCM1256MF Datasheet HTML 1Page - Sanken electric SCM1256MF Datasheet HTML 2Page - Sanken electric SCM1256MF Datasheet HTML 3Page - Sanken electric SCM1256MF Datasheet HTML 4Page - Sanken electric SCM1256MF Datasheet HTML 5Page - Sanken electric SCM1256MF Datasheet HTML 6Page - Sanken electric SCM1256MF Datasheet HTML 7Page - Sanken electric SCM1256MF Datasheet HTML 8Page - Sanken electric SCM1256MF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
3
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
13. Design Notes ---------------------------------------------------------------------------------------------- 31
13.1. PCB Pattern Layout ------------------------------------------------------------------------------ 31
13.2. Heatsink Mounting Considerations------------------------------------------------------------ 31
13.3. IC Characteristics Measurement Considerations------------------------------------------- 31
14. Calculating Power Losses and Estimating Junction Temperatures --------------------------- 32
14.1. IGBT Steady-State Loss, PON ------------------------------------------------------------------- 32
14.2. GBT Switching Loss, PSW ------------------------------------------------------------------------ 33
14.3. Estimating Junction Temperature of IGBT-------------------------------------------------- 33
15. Typical Characteristics--------------------------------------------------------------------------------- 34
15.1. Transient Thermal Resistance Curves -------------------------------------------------------- 34
15.1.1. SCM1261MF --------------------------------------------------------------------------------- 34
15.1.2. SCM1242MF, SCM1263MF, SCM1243MF -------------------------------------------- 34
15.1.3. SCM1265MF, SCM1245MF -------------------------------------------------------------- 35
15.1.4. SCM1246MF, SCM1256MF -------------------------------------------------------------- 35
15.2. Performance Curves of Control Parts--------------------------------------------------------- 36
15.3. Performance Curves of Output Parts --------------------------------------------------------- 41
15.3.1. Output Transistor Performance Curves ------------------------------------------------ 41
15.3.2. Switching Loss ------------------------------------------------------------------------------- 43
15.4. Allowable Effective Current Curves----------------------------------------------------------- 51
15.4.1. SCM1261MF --------------------------------------------------------------------------------- 51
15.4.2. SCM1242MF, SCM1263MF, SCM1243MF-------------------------------------------- 52
15.4.3. SCM1265MF, SCM1245MF -------------------------------------------------------------- 53
15.4.4. SCM1256MF, SCM1246MF -------------------------------------------------------------- 54
15.5. Short Circuit SOA (Safe Operating Area) --------------------------------------------------- 55
15.5.1. SCM1261MF --------------------------------------------------------------------------------- 55
15.5.2. SCM1242MF, SCM1263MF, SCM1243MF -------------------------------------------- 55
15.5.3. SCM1265MF, SCM1245MF -------------------------------------------------------------- 56
15.5.4. SCM1256MF, SCM1246MF -------------------------------------------------------------- 56
16. Pattern Layout Example ------------------------------------------------------------------------------- 57
17. Typical Motor Driver Application ------------------------------------------------------------------- 59
IMPORTANT NOTES ------------------------------------------------------------------------------------- 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com