Electronic Components Datasheet Search
  English  ▼

X  

SCM1256MF Datasheet(PDF) 4 Page - Sanken electric

Part # SCM1256MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1256MF Datasheet(HTML) 4 Page - Sanken electric

  SCM1256MF Datasheet HTML 1Page - Sanken electric SCM1256MF Datasheet HTML 2Page - Sanken electric SCM1256MF Datasheet HTML 3Page - Sanken electric SCM1256MF Datasheet HTML 4Page - Sanken electric SCM1256MF Datasheet HTML 5Page - Sanken electric SCM1256MF Datasheet HTML 6Page - Sanken electric SCM1256MF Datasheet HTML 7Page - Sanken electric SCM1256MF Datasheet HTML 8Page - Sanken electric SCM1256MF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
4
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
1.
Absolute Maximum Ratings
● Current polarities are defined as follows: a current flow going into the IC (sinking) is positive current (+); and a
current flow coming out of the IC (sourcing) is negative current (−).
● Unless specifically noted, T
A = 25°C.
Characteristics
Symbol
Conditions
Rating
Unit
Remarks
Main Supply Voltage
(DC)
VDC
VBB – LS1
VBB – LS2
VBB – LS3
450
V
Main Supply Voltage
(Surge)
VDC(SURGE)
VBB – LS1
VBB – LS2
VBB – LS3
500
V
IGBT Breakdown
Voltage
VCES
VCC = 15 V, IC = 1 mA,
VIN = 0 V
600
V
Logic Supply Voltage
VCC
VCC1– COM1
VCC2– COM2
VCC3– COM3
20
V
VBS
VB1 – HS1(U)
VB2– HS2(V)
VB3 – HS3(W)
20
Output Current (DC)
(1)
IO
TC = 25 °C
10
A
SCM1261MF
15
SCM1242MF/63MF/43MF
20
SCM1265MF/45MF
30
SCM1256MF/46MF
Output Current (Pulse)
IOP
TC = 25 °C, PW ≤ 1ms
20
A
SCM1261MF
30
SCM1242MF/63MF/
43MF/65MF/45MF
45
SCM1256MF/46MF
Input Voltage
VIN
HIN1, LIN1– COM1
HIN2, LIN2– COM2
HIN3, LIN3– COM3
−0.5 to 7
V
FO Pin Voltage
VFO
FO1– COM1
FO2– COM2
FO3– COM3
−0.5 to 7
V
OCP Pin Voltage
VOCP
OCP1– COM1
OCP2– COM2
OCP3– COM3
−10 to 5
V
Operating Case
Temperature
(2)
TC(OP)
−30 to 125
°C
Junction Temperature
(3)
Tj
150
°C
Storage Temperature
Tstg
−40 to 150
°C
Isolation Voltage
(4)
VISO(RMS)
Between surface of
heatsink side and each
pin; AC, 60 Hz, 1 min
2500
V
(1) Should be derated depending on an actual case temperature. See Section 15.4.
(2) Refers to a case temperature measured during IC operation.
(3) Refers to the junction temperature of each chip including its built-in controller ICs (MICs), transistors, and
freewheeling diodes.
(4) Refers to voltage conditions to be applied between the case and all pins. All pins have to be shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com