Electronic Components Datasheet Search
  English  ▼

X  

381LX331M350K042 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 381LX331M350K042
Description  Top performance in power supplies and motor drives
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381LX331M350K042 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  381LX331M350K042 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 7Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 8Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Available in 5 pins
Outline Drawings
Terminal
Connection
40 mm Dia.
50 mm Dia.
A
dummy
negative (–)
B
dummy
dummy
C
positive (+)
positive (+)
D
dummy
positive (+)
–
negative (–)
negative (–)
Notes:
* Use dummy terminals for mechanical support only. Make no
electrical connection because they resistively connect through
the electrolyte to the negative terminal.
** Safety Vent may be on the bottom or on the side of the can.
Two Pins
381L/LX (22 through 40 mm diameter)
Four Pins
383L/LX (35 and 40 mm diameter)
Five Pins
383L/LX (40 and 50 mm diameter)
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
383LX
272
M
200
N08
2
V
Case
Type
Cap
Tolerance
Voltage
Code Insulation
# of pins
381L / LX (2 pins)
100 = 10 µF M = ±20%
200 = 200 Vdc
2 = PVC
Blank = 2 pins / 4 pins snap-in 6.3mm L
383L / LX (4 or 5 pins) 101 = 100 µF
A = 2 pins / 4 pins snap-in 4.0mm L
272 = 2700 µF
VS = 5 pins snap-in 6.3mm L
V = 5 pins standoff
1.5 0.2
2.0max.
4.0 mm pin length
option (add “A” to end
of part#)
Top of
Capacitor
Body
0.8 +0.2
-0.1
3.5
Available in 2 and 4 pins
1.5 0.2
2.0max.
6.3 mm pin length
Top of
Capacitor
Body
0.8
+0.2
-0.1
Available in 2, 4 and 5 pins
Top of
Capacitor
Body
1.5 0.1
0.6 min.
0.7
3.75 0.1
5 pin Standoff pin
style (add “V” to end
of part#)
L ± 2 max.
L ± 2 max.
L ± 2 max.
Dimensions shown are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com