Electronic Components Datasheet Search
  English  ▼

X  

381LX331M350K042 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 381LX331M350K042
Description  Top performance in power supplies and motor drives
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381LX331M350K042 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 381LX331M350K042 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 7Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 8Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 9Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 10Page - List of Unclassifed Manufacturers 381LX331M350K042 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
200 Vdc (250 Vdc Surge)
2200
383L222M200N062
0.051
0.027
3.60
4.90
40 x 63
2700
383LX272M200N052
0.086
0.052
3.55
4.97
40 x 50
2700
383L272M200N082
0.032
0.018
4.60
6.20
40 x 80
3300
381LX332M200A082
0.065
0.039
4.50
6.33
35 x 80
3300
383LX332M200N062
0.700
0.040
4.40
6.20
40 x 63
3300
383LX332M200B052V
0.075
0.045
5.20
7.28
50 x 50
3900
383LX392M200B062V
0.064
0.038
5.90
8.26
50 x 63
4700
383LX472M200N082
0.050
0.030
5.75
8.10
40 x 80
4700
383LX472M200B082V
0.053
0.032
6.82
9.55
50 x 80
5600
383LX562M200N102
0.041
0.025
6.76
9.46
40 x 105
5600
383LX562M200B092V
0.044
0.027
7.68
10.75
50 x 92
6800
383LX682M200B102V
0.034
0.020
8.71
12.19 50 x 105
250 Vdc (300 Vdc Surge)
68
381LX680M250H202
2.926
1.493
0.40
0.60
22 x 20
68
381LX680M250H012
2.440
1.220
0.40
0.60
22 x 25
100
381LX101M250H012
1.660
0.830
0.55
0.78
22 x 25
150
381LX151M250H012
1.327
0.465
0.79
0.11
22 x 25
180
381LX181M250H012
1.106
0.553
0.88
1.23
22 x 25
220
381LX221M250H012
0.905
0.452
1.00
1.40
22 x 25
270
381LX271M250H022
0.737
0.332
1.18
1.69
22 x 30
330
381LX331M250H022
0.502
0.251
1.20
1.70
22 x 30
330
381LX331M250H042
0.502
0.251
1.20
1.70
22 x 40
330
381LX331M250J022
0.502
0.251
1.20
1.70
25 x 30
390
381LX391M250J032
0.510
0.229
1.49
2.12
25 x 35
470
381LX471M250J032
0.423
0.191
1.40
1.96
25 x 35
470
381LX471M250K022
0.353
0.176
1.40
2.00
30 x 30
560
381LX561M250J032
0.355
0.160
1.80
2.57
25 x 35
560
381LX561M250K032
0.296
0.148
1.50
2.10
30 x 35
560
381LX561M250A012
0.296
0.148
1.50
2.10
35 x 25
680
381LX681M250J052
0.244
0.134
1.70
2.38
25 x 50
680
381LX681M250K042
0.244
0.134
1.70
2.38
30 x 40
680
381LX681M250A022
0.244
0.134
1.70
2.38
35 x 30
820
381LX821M250K452
0.202
0.111
2.00
2.80
30 x 45
820
381LX821M250A032
0.202
0.111
2.00
2.80
35 x 35
1000
381LX102M250K052
0.199
0.109
2.20
3.10
30 x 50
1000
381LX102M250A042
0.199
0.109
2.20
3.10
35 x 40
1000
381LX102M250A452
0.166
0.099
2.30
3.20
35 x 45
1200
381LX122M250A452
0.166
0.099
2.30
3.20
35 x 45
1200
383LX122M250N042
0.180
0.117
2.66
3.72
40 x 40
1200
383L122M250N052
0.081
0.031
2.60
4.30
40 x 50
1500
381LX152M250A052
0.144
0.093
2.50
3.50
35 x 50
1800
383LX182M250N052
0.120
0.078
3.25
4.55
40 x 50
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
250 Vdc (300 Vdc Surge)
1800
383L182M250N062
0.066
0.025
3.10
5.10
40 x 63
2200
381LX222M250A082
0.096
0.064
3.75
5.25
35 x 80
2200
383LX222M250N062
0.098
0.064
3.70
5.15
40 x 63
2200
383L222M250N082
0.043
0.017
4.00
6.40
40 x 80
2200
383LX222M250B052V
0.098
0.064
4.35
6.09
50 x 50
2700
383LX272M250N082
0.092
0.047
3.10
4.30
40 x 80
2700
383LX272M250B062V
0.080
0.052
4.98
6.97
50 x 63
3300
383LX332M250N082
0.065
0.042
4.86
6.80
40 x 80
3900
383LX392M250N102
0.055
0.036
5.61
7.85
40 x 105
3900
383LX392M250B082V
0.055
0.036
6.10
8.54
50 x 80
4300
383LX432M250B092V
0.050
0.033
6.67
9.34
50 x 92
4700
383LX472M250B102V
0.046
0.030
7.03
9.84
50 x 105
315 Vdc (365 Vdc Surge)
82
381LX820M315H012
2.430
1.240
0.60
0.90
22 x 25
100
381LX101M315H012
1.990
1.020
0.70
1.00
22 x 25
120
381LX121M315H012
1.660
0.850
0.80
1.10
22 x 25
150
381LX151M315H022
1.330
0.600
0.82
1.15
22 x 30
180
381LX181M315H022
1.110
0.550
0.90
1.25
22 x 30
220
381LX221M315H032
0.900
0.410
0.98
1.37
22 x 35
220
381LX221M315K022
0.904
0.461
1.00
1.40
30 x 30
270
381LX271M315J032
0.740
0.330
1.10
1.54
25 x 35
270
381LX271M315K022
0.737
0.376
1.10
1.50
30 x 30
270
381LX271M315K032
0.737
0.376
1.10
1.50
30 x 35
270
381LX271M315A022
0.737
0.376
1.10
1.50
35 x 30
330
381LX331M315J042
0.600
0.270
1.20
1.68
25 x 40
330
381LX331M315K032
0.603
0.308
1.20
1.70
30 x 35
330
381LX331M315K042
0.603
0.308
1.20
1.70
30 x 40
330
381LX331M315A022
0.603
0.308
1.20
1.70
35 x 30
390
381LX391M315K452
0.510
0.260
1.30
1.80
30 x 45
390
381LX391M315A032
0.510
0.260
1.30
1.80
35 x 35
470
381LX471M315K452
0.423
0.216
1.40
2.00
30 x 45
470
381LX471M315K052
0.423
0.216
1.40
2.00
30 x 50
470
381LX471M315A032
0.423
0.216
1.40
2.00
35 x 35
470
381LX471M315A042
0.423
0.216
1.40
2.00
35 x 40
560
381LX561M315K052
0.355
0.181
1.50
2.10
30 x 50
560
381LX561M315A042
0.355
0.181
1.50
2.10
35 x 40
560
381LX561M315A452
0.355
0.181
1.50
2.10
35 x 45
680
381LX681M315A452
0.293
0.149
1.70
2.40
35 x 45
680
381LX681M315A052
0.293
0.149
1.70
2.40
35 x 50
820
381LX821M315A052
0.242
0.030
2.00
2.80
35 x 50
820
383L821M315N052
0.190
0.130
1.70
2.10
40 x 50
1200
383L122M315N062
0.150
0.110
2.10
2.50
40 x 63
1500
383L152M315N082
0.110
0.055
2.70
3.20
40 x 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com