Electronic Components Datasheet Search
  English  ▼

X  

LM5105SD Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5105SD
Description  100V Half Bridge Gate Driver With Programmable Dead-Time
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5105SD Datasheet(HTML) 2 Page - Texas Instruments

  LM5105SD Datasheet HTML 1Page - Texas Instruments LM5105SD Datasheet HTML 2Page - Texas Instruments LM5105SD Datasheet HTML 3Page - Texas Instruments LM5105SD Datasheet HTML 4Page - Texas Instruments LM5105SD Datasheet HTML 5Page - Texas Instruments LM5105SD Datasheet HTML 6Page - Texas Instruments LM5105SD Datasheet HTML 7Page - Texas Instruments LM5105SD Datasheet HTML 8Page - Texas Instruments LM5105SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
LM5105
SNVS349D – FEBRUARY 2005 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM5105
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Electrical Characteristics........................................... 5
6.5
Switching Characteristics .......................................... 6
6.6
Typical Performance Characteristics ........................ 8
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 11
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
9
Layout ................................................................... 14
9.1
Layout Guidelines ................................................... 14
10
Device and Documentation Support ................. 15
10.1
Community Resource............................................ 15
10.2
Trademarks ........................................................... 15
10.3
Electrostatic Discharge Caution ............................ 15
10.4
Glossary ................................................................ 15
11
Mechanical, Packaging, and Orderable
Information ........................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2013) to Revision D
Page
•
Added Device Information table, ESD Ratings, Detailed Description section, Application and Implementation
section, Layout section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section. ................................................................................................................................................................ 1
Changes from Revision B (March 2013) to Revision C
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com