Electronic Components Datasheet Search
  English  ▼

X  

LM5105SD Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5105SD
Description  100V Half Bridge Gate Driver With Programmable Dead-Time
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5105SD Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5105SD Datasheet HTML 9Page - Texas Instruments LM5105SD Datasheet HTML 10Page - Texas Instruments LM5105SD Datasheet HTML 11Page - Texas Instruments LM5105SD Datasheet HTML 12Page - Texas Instruments LM5105SD Datasheet HTML 13Page - Texas Instruments LM5105SD Datasheet HTML 14Page - Texas Instruments LM5105SD Datasheet HTML 15Page - Texas Instruments LM5105SD Datasheet HTML 16Page - Texas Instruments LM5105SD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
10.0 kHz
100.0 kHz
1000.0 kHz
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
1.0 kHz
CL = 0 pF
CL = 4400 pF
10.0 kHz
100.0 kHz
1000.0 kHz
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
1.0 kHz
CL = 0 pF
CL = 4400 pF
0.1
1.0
10.0
100.0
1000.0
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
CL = 4400 pF
CL = 2200 pF
CL = 0 pF
CL = 470 pF
CL = 1000 pF
13
LM5105
www.ti.com
SNVS349D – FEBRUARY 2005 – REVISED MARCH 2016
Product Folder Links: LM5105
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 21. Gate Driver Power Dissipation (Lo + Ho)
VCC = 12v, Neglecting Diode Losses
The bootstrap diode power loss is the sum of the forward bias power loss that occurs while charging the
bootstrap capacitor and the reverse bias power loss that occurs during reverse recovery. Since each of these
events happens once per cycle, the diode power loss is proportional to frequency. Larger capacitive loads
require more current to recharge the bootstrap capacitor resulting in more losses. Higher input voltages (VIN) to
the half bridge result in higher reverse recovery losses. The following plot was generated based on calculations
and lab measurements of the diode recovery time and current under several operating conditions. This can be
useful for approximating the diode power dissipation.
Figure 22. Diode Power Dissipation VIN = 80v
Figure 23. Diode Power Dissipation VIN = 40v
The total IC power dissipation can be estimated from the above plots by summing the gate drive losses with the
bootstrap diode losses for the intended application. Because the diode losses can be significant, an external
diode placed in parallel with the internal bootstrap diode (refer to Figure 20) and can be helpful in removing
power from the IC. For this to be effective, the external diode must be placed close to the IC to minimize series
inductance and have a significantly lower forward voltage drop than the internal diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com