Electronic Components Datasheet Search
  English  ▼

X  

TL7702 Datasheet(PDF) 14 Page - Texas Instruments

Part # TL7702
Description  Supply voltage Supervisor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL7702 Datasheet HTML 9Page - Texas Instruments TL7702 Datasheet HTML 10Page - Texas Instruments TL7702 Datasheet HTML 11Page - Texas Instruments TL7702 Datasheet HTML 12Page - Texas Instruments TL7702 Datasheet HTML 13Page - Texas Instruments TL7702 Datasheet HTML 14Page - Texas Instruments TL7702 Datasheet HTML 15Page - Texas Instruments TL7702 Datasheet HTML 16Page - Texas Instruments TL7702 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application examples
10
Literature Number: SLVAE04
Figure 11. Typical Variation of the Reference Voltage V
ref versus
supply Voltage Variations
As has already been mentioned the supply voltage supervisors of the series TL77xxA incorporate
extremely stable reference voltage source which can be accessed at the V
ref terminal. This voltage source
can also be used when in other applications a constant voltage source is required. As shown in picture 11,
the reference voltage V
ref varies less than 10 mV, when the supply voltage is changed from 3.5
… 18 V.
The same stability of the reference voltage is maintained, when the ambient temperature is changed.
Figure 12 shows the typical characteristic. The references voltage varies only 16mV, when the ambient
temperature is changed from -40
… 85 °C.
2,506 V
2,508 V
2,51 V
2,512 V
2,514 V
2,516 V
2,518 V
2,52 V
2,522 V
-40
-20
0
20
40
60
80
100
Vref
Ta/°C
Figure 12. Typical Variation of the Reference Voltage V
ref
versus
Ambient Temperature Variations
When using the integrated reference voltage to supply other circuits, the designer has to consider that
maximum current available from this voltage source is in the order of 100
µA only. With higher loads, the
stability of the reference voltage suffers. For higher currents a buffer in the form of an operational amplifier
connected as an emitter follower is recommended (figure 13). If the voltage monitor section of the circuit is
not used in this application, the capacitor C
t is not required. This terminal may then be left open. The inputs
SENSE and RESIN are connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com