Electronic Components Datasheet Search
  English  ▼

X  

TL7702 Datasheet(PDF) 17 Page - Texas Instruments

Part # TL7702
Description  Supply voltage Supervisor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL7702 Datasheet HTML 9Page - Texas Instruments TL7702 Datasheet HTML 10Page - Texas Instruments TL7702 Datasheet HTML 11Page - Texas Instruments TL7702 Datasheet HTML 12Page - Texas Instruments TL7702 Datasheet HTML 13Page - Texas Instruments TL7702 Datasheet HTML 14Page - Texas Instruments TL7702 Datasheet HTML 15Page - Texas Instruments TL7702 Datasheet HTML 16Page - Texas Instruments TL7702 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Summary
Supply voltage Supervisor TL77xx Series
13
Figure 15. Series Resistor at the C
t input of the TL770xB
To a small degree this resistor influences the delay time t
d. In most applications however this effect can be
neglected, because - when determining the length of the reset pulse - a large reserve is taken into
account.
When designing a supply voltage supervision circuit often an analysis of the noise on the supply lines is
required. The probes of the oscilloscope usually used for this kind of measurement mostly are not capable
of performing the measurements correctly. The main reason is the ground wire attached to the probe. This
wire often acts as an antenna which receives all the noise generated by the surrounding circuits. This
leads to a wrong display on the oscilloscope screen. More accurate results are found, when the signal to
be measured is taken via a 0.1
µF capacitor (to block the DC voltage) directly soldered to the point of
measurement. The other end of the capacitor is connected to a coaxcable, whose shield is connected by
the shortest path to the next ground reference point. The coaxcable leads to the input of the oscilloscope,
where the cable has to be terminated correctly to avoid line reflections.
5. Summary
Monitoring of the supply voltage is absolutely mandatory to guarantee a correct initialization of the circuit
and to detect undefined operating condition e.g. an undervoltage. This report shows several application
examples for the supply voltage supervisor circuits of the series TL77xxA. Owing their very accurate
threshold voltage, they can be easily designed into systems, replacing expensive discrete circuits .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com