Electronic Components Datasheet Search
  English  ▼

X  

CMA-545 Datasheet(PDF) 2 Page - Mini-Circuits

Part # CMA-545
Description  Monolithic Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-545 Datasheet(HTML) 2 Page - Mini-Circuits

  CMA-545 Datasheet HTML 1Page - Mini-Circuits CMA-545 Datasheet HTML 2Page - Mini-Circuits CMA-545 Datasheet HTML 3Page - Mini-Circuits CMA-545 Datasheet HTML 4Page - Mini-Circuits CMA-545 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ultra Low Noise, High IP3
Monolithic Amplifier
Page 2 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Features
• Ultra Low Noise Figure, 0.8 dB typ. at 1GHz
• High IP3, 35 dBm typ. 1GHz
• Gain, 20dB typ. at 1 GHz
• Output Power, up to +20dBm typ.
• Single Positive Supply Voltage, 3V
• Small size - 3mm x 3mm x 1.14mm
• Ceramic, hermetic, Nitrogen filled
Typical Applications
• Cellular
• ISM
• GSM
• WCDMA
• LTE
• WiMAX
• WLAN
General Description
CMA-545+ is a high dynamic range, low noise, high IP3, high output power, monolithic amplifier. Manu-
factured using E-PHEMT* technology enables it to work with a single positive supply voltage. Uncon-
ditionally stable over the operating frequency. Terminal finish is Ni-pd-Au and it has repeatable perfor-
mance from lot to lot due to fully automated, tightly controlled semiconductor and assembly processes.
REV. C
M155058
CMA-545+
DJ/BT/CP
160222
0.05-6 GHz
CMA-545+
CASE STYLE: DL1721
simplified schematic and pad description
RF-IN (2)
RF-OUT
and DC (7)
BIAS (4)
Function
Pad
Number
Description (See Application Circuit, Fig. 2)
RF-IN
2
RF input pad
RF-OUT & DC
7
RF output pad (connected to RF-OUT via blocking external cap C2, and Supply
voltage Vs via RF Choke L1)
BIAS
4
Bias pad (connected to Vs via Rbias)
GND
1,3,5,6,8, Bottom
Center Paddle
Connected to ground
*Enhancement mode Pseudomorphic High Electron Mobility Transistor.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com