Electronic Components Datasheet Search
  English  ▼

X  

CMA-545 Datasheet(PDF) 4 Page - Mini-Circuits

Part # CMA-545
Description  Monolithic Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-545 Datasheet(HTML) 4 Page - Mini-Circuits

  CMA-545 Datasheet HTML 1Page - Mini-Circuits CMA-545 Datasheet HTML 2Page - Mini-Circuits CMA-545 Datasheet HTML 3Page - Mini-Circuits CMA-545 Datasheet HTML 4Page - Mini-Circuits CMA-545 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 4 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Characterization Test Circuit
RF-IN
RF-OUT
DUT
TB-631+
I
Rbias
Vd
I
d
390nH
4
2
7
+3V
BLK-18+
Rbias
432
Ω
Bias-Tee
ZX85-12G-S+
I
ds
Vs (Supply voltage)
CMA-545+
Fig 1. Block Diagram of Test Circuit used for characterization. (DUT soldered on Mini-Circuits Characterization Test Board TB-631+) Gain, Output
power at 1dB compression (P1dB), Output IP3 (OIP3) are measured using R&S Network Analyzer ZVA-24. Noise Figure measured using Agilent’s
N5242A PNA-X microwave network analyzer.
Conditions:
1. Gain: Pin=-25 dBm
2. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, 0 dBm/tone at output.
3. Vs adjusted for 3V at device (Vd), compensating loss of bias tee.
Recommended Application Circuit
(refer to evaluation board for PCB Layout and component values)
4
2
+3V (Vs)
C1
7
Paddle, 1,3,5,6,8
L1
C3
C2
RF-IN
RF-OUT
IRbias
Ids
Id
L2
Rbias
Fig 2. Recommended Application Circuit
Note: Resistance of L1, 0.1-0.2Ω typically. For component
values, please see evaluation board drawing.
432
Ω
Suggested PCB Layout (PL-365)
Product Marking
MCL
CMA-545
+YYWW
ceramic body
model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com