Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 15Page - Texas Instruments TUSB3210PM Datasheet HTML 16Page - Texas Instruments TUSB3210PM Datasheet HTML 17Page - Texas Instruments TUSB3210PM Datasheet HTML 18Page - Texas Instruments TUSB3210PM Datasheet HTML 19Page - Texas Instruments TUSB3210PM Datasheet HTML 20Page - Texas Instruments TUSB3210PM Datasheet HTML 21Page - Texas Instruments TUSB3210PM Datasheet HTML 22Page - Texas Instruments TUSB3210PM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
2–7
Table 2–3. EDB and Buffer Allocations in XDATA (Continued)
ADDRESS
DESCRIPTION
FEF7
↑
(8–bytes)
Output endpoint_0 buffer
FEF0
(8 bytes)
Out ut end oint_0 buffer
FEEF
TOPBUFF
Top of buffer space
↑
Buffers space
FD80
STABUFF
Start of buffer space
2.4
Endpoint Descriptor Block (EDB-1 to EDB-3)
Data transfers between USB, MCU and external devices are defined by an endpoint descriptor block (EDB). Four
input and four output EDBs are provided. With the exception of EDB–0 (I/O Endpoint–0), all EDBs are located in
SRAM as shown in Table 2–3. Each EDB contains information describing the X and Y buffers. In addition, it provides
general status information.
Table 2–4 illustrates the EDB entries for EDB–1 to EDB–3. EDB–0 registers will be described separately.
Table 2–4. EDB Entries in RAM (n = 1 to 3)
Offset
ENTRY NAME
DESCRIPTION
07
EPSIZXY_n
I/O endpoint_n: X/Y buffer size
06
EPBCTY_n
I/O endpoint_n: Y byte count
05
EPBBAY_n
I/O endpoint_n: Y buffer base address
04
SPARE
Not used
03
SPARE
Not used
02
EPBCTX_n
I/O endpoint_n: X byte count
01
EPBBAX_n
I/O endpoint_n: X buffer base address
00
EPCNF_n
I/O endpoint_n: configuration
2.4.1
OEPCNF_n: Output Endpoint Configuration (n=1 to 3)
7
6
5
4
3
210
UBME
ISO
TOGLE
DBUF
STALL
USBIE
RSV
RSV
R/W
R/W
R/W
R/W
R/W
R/W
R/O
R/O
BIT
NAME
RESET
FUNCTION
1–0
RSV
0
Reserved
2
USBIE
x
USB interrupt enable on transaction completion. Set/clear by MCU.
USBIE = 0 no interrupt
USBIE = 1 interrupt on transaction completion
3
STALL
0
USB stall condition indication. Set/clear by MCU.
STALL = 0
No stall
STALL = 1
USB stall condition. If set by MCU, a STALL handshake is initiated and the bit is cleared by MCU.
4
DBUF
x
Double buffer enable. Set/clear by MCU.
DBUF = 0
Primary buffer only (X–buffer only)
DBUF = 1
Toggle bit selects buffer
5
TOGLE
x
USB Toggle bit. This bit reflects the toggle sequence bit of DATA0, DATA1
6
ISO
x
ISO = 0
Non-isochronous transfer. This bit must be cleared by MCU since only Non-isochronous transfer
is supported.
7
UBME
x
UBM enable/disable bit. Set/clear by MCU.
UBME = 0 UBM cannot use this endpoint.
UBME = 1 UBM can use this endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com